Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 105 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 105 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 101Page - Renesas Technology Corp HD64F36049 Datasheet HTML 102Page - Renesas Technology Corp HD64F36049 Datasheet HTML 103Page - Renesas Technology Corp HD64F36049 Datasheet HTML 104Page - Renesas Technology Corp HD64F36049 Datasheet HTML 105Page - Renesas Technology Corp HD64F36049 Datasheet HTML 106Page - Renesas Technology Corp HD64F36049 Datasheet HTML 107Page - Renesas Technology Corp HD64F36049 Datasheet HTML 108Page - Renesas Technology Corp HD64F36049 Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 562 page
background image
Section 5 Clock Pulse Generators
Rev. 3.00 Mar. 15, 2006 Page 73 of 526
REJ09B0060-0300
5.2.2
Pin Connection when not Using Subclock
When the subclock is not used, connect pin X
1 to VCL or VSS and leave pin X2 open, as shown in
figure 5.10.
X
1
V
CL or VSS
X2
Open
Figure 5.10 Pin Connection when not Using Subclock
5.3
Prescalers
5.3.1
Prescaler S
Prescaler S is a 13-bit counter using the system clock (
φ) as its input clock. It is incremented once
per clock period. Prescaler S is initialized to H'0000 by a reset, and starts counting on exit from
the reset state. In standby mode, subactive mode, and subsleep mode, the system clock pulse
generator stops. Prescaler S also stops and is initialized to H'0000. The CPU cannot read or write
prescaler S. The output from prescaler S is shared by the on-chip peripheral modules. The divider
ratio can be set separately for each on-chip peripheral function. In active mode and sleep mode,
the clock input to prescaler S is determined by the division factor designated by the MA2 to MA0
bits in SYSCR2.
5.3.2
Prescaler W
Prescaler W is a 5-bit counter using a 32.768 kHz signal divided by 4 (
φ
W/4) as its input clock. The
divided output is used for clock time base operation of timer A. Prescaler W is initialized to H'00
by a reset, and starts counting on exit from the reset state. Even in standby mode, subactive mode,
or subsleep mode, prescaler W continues functioning so long as clock signals are supplied to pins
X
1 and X2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com