Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 100Page - Renesas Technology Corp HD64F36049 Datasheet HTML 101Page - Renesas Technology Corp HD64F36049 Datasheet HTML 102Page - Renesas Technology Corp HD64F36049 Datasheet HTML 103Page - Renesas Technology Corp HD64F36049 Datasheet HTML 104Page - Renesas Technology Corp HD64F36049 Datasheet HTML 105Page - Renesas Technology Corp HD64F36049 Datasheet HTML 106Page - Renesas Technology Corp HD64F36049 Datasheet HTML 107Page - Renesas Technology Corp HD64F36049 Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 562 page
background image
Section 5 Clock Pulse Generators
Rev. 3.00 Mar. 15, 2006 Page 72 of 526
REJ09B0060-0300
5.2
Subclock Generator
Figure 5.7 shows a block diagram of the subclock generator.
Note: Resistance is a reference value.
2
1
X
8 M
Ω
X
Figure 5.7 Block Diagram of Subclock Generator
5.2.1
Connecting 32.768-kHz Crystal Resonator
Clock pulses can be supplied to the subclock divider by connecting a 32.768-kHz crystal
resonator, as shown in figure 5.8. Figure 5.9 shows the equivalent circuit of the 32.768-kHz
crystal resonator.
X
X
C1
C2
1
2
C = C = 15 pF (typ.)
12
Figure 5.8 Typical Connection to 32.768-kHz Crystal Resonator
X
1
X
2
L
S
C
S
C
O
C
O = 1.5 pF (typ.)
R
S = 14 kΩ (typ.)
fW = 32.768 kHz
R
S
Note: Constants are reference values.
Figure 5.9 Equivalent Circuit of 32.768-kHz Crystal Resonator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com