Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 412 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 412 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 408Page - Renesas Technology Corp HD64F36049 Datasheet HTML 409Page - Renesas Technology Corp HD64F36049 Datasheet HTML 410Page - Renesas Technology Corp HD64F36049 Datasheet HTML 411Page - Renesas Technology Corp HD64F36049 Datasheet HTML 412Page - Renesas Technology Corp HD64F36049 Datasheet HTML 413Page - Renesas Technology Corp HD64F36049 Datasheet HTML 414Page - Renesas Technology Corp HD64F36049 Datasheet HTML 415Page - Renesas Technology Corp HD64F36049 Datasheet HTML 416Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 412 / 562 page
background image
Section 19 A/D Converter
Rev. 3.00 Mar. 15, 2006 Page 380 of 526
REJ09B0060-0300
19.3
Register Descriptions
The A/D converter has the following registers.
• A/D data register A (ADDRA)
• A/D data register B (ADDRB)
• A/D data register C (ADDRC)
• A/D data register D (ADDRD)
• A/D control/status register (ADCSR)
• A/D control register (ADCR)
19.3.1
A/D Data Registers A to D (ADDRA to ADDRD)
There are four 16-bit read-only ADDR registers; ADDRA to ADDRD, used to store the results of
A/D conversion. The ADDR registers, which store a conversion result for each analog input
channel, are shown in table 19.2.
The converted 10-bit data is stored in bits 15 to 6. The lower 6 bits are always read as 0.
The data bus width between the CPU and the A/D converter is 8 bits. The upper byte can be read
directly from the CPU, however the lower byte should be read via a temporary register. The
temporary register contents are transferred from the ADDR when the upper byte data is read.
Therefore, byte access to ADDR should be done by reading the upper byte first then the lower
one. Word access is also possible. ADDR is initialized to H'0000.
Table 19.2
Analog Input Channels and Corresponding ADDR Registers
Analog Input Channel
Group 0
Group 1
A/D Data Register to be Stored Results of A/D Conversion
AN0
AN4
ADDRA
AN1
AN5
ADDRB
AN2
AN6
ADDRC
AN3
AN7
ADDRD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com