Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 455 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 455 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 451Page - Renesas Technology Corp HD64F36049 Datasheet HTML 452Page - Renesas Technology Corp HD64F36049 Datasheet HTML 453Page - Renesas Technology Corp HD64F36049 Datasheet HTML 454Page - Renesas Technology Corp HD64F36049 Datasheet HTML 455Page - Renesas Technology Corp HD64F36049 Datasheet HTML 456Page - Renesas Technology Corp HD64F36049 Datasheet HTML 457Page - Renesas Technology Corp HD64F36049 Datasheet HTML 458Page - Renesas Technology Corp HD64F36049 Datasheet HTML 459Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 455 / 562 page
background image
Section 23 Electrical Characteristics
Rev. 3.00 Mar. 15, 2006 Page 423 of 526
REJ09B0060-0300
Section 23 Electrical Characteristics
23.1
Absolute Maximum Ratings
Table 23.1
Absolute Maximum Ratings
Item
Symbol
Value
Unit
Notes
Power supply voltage
V
CC
–0.3 to +7.0
V
*
Analog power supply voltage
AV
CC
–0.3 to +7.0
V
Input voltage
Ports other than ports B
and X1
V
IN
–0.3 to V
CC +0.3
V
Port B
–0.3 to AV
CC +0.3
V
X1
–0.3 to 4.3
V
Operating temperature
T
opr
–20 to +75
°C
Storage temperature
T
stg
–55 to +125
°C
Note: * Permanent damage may result if maximum ratings are exceeded. Normal operation
should be under the conditions specified in Electrical Characteristics. Exceeding these
values can result in incorrect operation and reduced reliability.
23.2
Electrical Characteristics (F-ZTAT™ Version)
23.2.1
Power Supply Voltage and Operating Ranges
Power Supply Voltage and Oscillation Frequency Range
10.0
2.0
20.0
3.0
4.0
5.5
VCC (V)
φ OSC (MHz)
32.768
3.0
4.0
5.5
VCC (V)
φ W (kHz)
• AVCC = 3.0 to 5.5 V
• Active mode
• Sleep mode
• AVCC = 3.0 to 5.5 V
• All operating modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com