Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 460 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 460 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 456Page - Renesas Technology Corp HD64F36049 Datasheet HTML 457Page - Renesas Technology Corp HD64F36049 Datasheet HTML 458Page - Renesas Technology Corp HD64F36049 Datasheet HTML 459Page - Renesas Technology Corp HD64F36049 Datasheet HTML 460Page - Renesas Technology Corp HD64F36049 Datasheet HTML 461Page - Renesas Technology Corp HD64F36049 Datasheet HTML 462Page - Renesas Technology Corp HD64F36049 Datasheet HTML 463Page - Renesas Technology Corp HD64F36049 Datasheet HTML 464Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 460 / 562 page
background image
Section 23 Electrical Characteristics
Rev. 3.00 Mar. 15, 2006 Page 428 of 526
REJ09B0060-0300
Values
Item
Symbol
Applicable Pins
Test Condition
Min.
Typ.
Max.
Unit
Notes
Output
high
voltage
V
OH
P10 to P12,
P14 to P17,
P20 to P24,
P30 to P37,
V
CC = 4.0 to 5.5 V
–I
OH = 1.5 mA
V
CC – 1.0
V
P50 to P55,
P60 to P67,
P70 to P72,
P74 to P77,
P80 to P87,
P90 to P97
–I
OH = 0.1 mA
V
CC – 0.5
P56, P57
4.0 V
≤ V
CC ≤ 5.5 V
–I
OH = 0.1 mA
V
CC – 2.5
V
3.0 V
≤ V
CC < 4.0 V
–I
OH = 0.1 mA
V
CC – 2.0
Output
low
voltage
V
OL
P10 to P12,
P14 to P17,
P20 to P24,
P30 to P37,
V
CC = 4.0 to 5.5 V
I
OL = 1.6 mA
0.6
V
P50 to P57,
P70 to P72,
P74 to P77,
P85 to P87,
P90 to P97
I
OL = 0.4 mA
0.4
P60 to P67,
P80 to P84
V
CC = 4.0 to 5.5 V
I
OL = 20.0 mA
1.5
V
V
CC = 4.0 to 5.5 V
I
OL = 10.0 mA
1.0
V
CC = 4.0 to 5.5 V
I
OL = 1.6 mA
0.4
I
OL = 0.4 mA
0.4
SCL, SDA
V
CC = 4.0 to 5.5 V
I
OL = 6.0 mA
0.6
I
OL = 3.0 mA
0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com