Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 509 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 509 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 505Page - Renesas Technology Corp HD64F36049 Datasheet HTML 506Page - Renesas Technology Corp HD64F36049 Datasheet HTML 507Page - Renesas Technology Corp HD64F36049 Datasheet HTML 508Page - Renesas Technology Corp HD64F36049 Datasheet HTML 509Page - Renesas Technology Corp HD64F36049 Datasheet HTML 510Page - Renesas Technology Corp HD64F36049 Datasheet HTML 511Page - Renesas Technology Corp HD64F36049 Datasheet HTML 512Page - Renesas Technology Corp HD64F36049 Datasheet HTML 513Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 509 / 562 page
background image
Appendix
Rev. 3.00 Mar. 15, 2006 Page 477 of 526
REJ09B0060-0300
8. Block Transfer Instructions
Mnemonic
Addressing Mode and
Instruction Length (bytes)
No. of
States*1
Condition Code
IH
N
Z
V
C
EEPMOV. B
EEPMOV. W
Operation
if R4L
≠ 0 then
repeat
@R5
→ @R6
R5+1
→ R5
R6+1
→ R6
R4L–1
→ R4L
until
R4L=0
else next
if R4
≠ 0 then
repeat
@R5
→ @R6
R5+1
→ R5
R6+1
→ R6
R4–1
→ R4
until
R4=0
else next
—
—
4
4
—
—
8+
4n*2
—
—
—
—
—
—
—
—
—
—8+
4n*2
EEPMOV
Notes: 1. The number of states in cases where the instruction code and its operands are located
in on-chip memory is shown here. For other cases, see appendix A.3, Number of
Execution States.
2. n is the value set in register R4L or R4.
(1) Set to 1 when a carry or borrow occurs at bit 11; otherwise cleared to 0.
(2) Set to 1 when a carry or borrow occurs at bit 27; otherwise cleared to 0.
(3) Retains its previous value when the result is zero; otherwise cleared to 0.
(4) Set to 1 when the adjustment produces a carry; otherwise retains its previous value.
(5) The number of states required for execution of an instruction that transfers data in
synchronization with the E clock is variable.
(6) Set to 1 when the divisor is negative; otherwise cleared to 0.
(7) Set to 1 when the divisor is zero; otherwise cleared to 0.
(8) Set to 1 when the quotient is negative; otherwise cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com