Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 174 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 174 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 170Page - Renesas Technology Corp HD64F36049 Datasheet HTML 171Page - Renesas Technology Corp HD64F36049 Datasheet HTML 172Page - Renesas Technology Corp HD64F36049 Datasheet HTML 173Page - Renesas Technology Corp HD64F36049 Datasheet HTML 174Page - Renesas Technology Corp HD64F36049 Datasheet HTML 175Page - Renesas Technology Corp HD64F36049 Datasheet HTML 176Page - Renesas Technology Corp HD64F36049 Datasheet HTML 177Page - Renesas Technology Corp HD64F36049 Datasheet HTML 178Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 562 page
background image
Section 9 I/O Ports
Rev. 3.00 Mar. 15, 2006 Page 142 of 526
REJ09B0060-0300
Port 9 has the following registers.
• Port control register 9 (PCR9)
• Port data register 9 (PDR9)
9.8.1
Port Control Register 9 (PCR9)
PCR9 selects inputs/outputs in bit units for pins to be used as general I/O ports of port 9.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
PCR97
PCR96
PCR95
PCR94
PCR93
PCR92
PCR91
PCR90
0
0
0
0
0
0
0
0
W
W
W
W
W
W
W
W
When each of the port 9 pins P97 to P90 functions as a
general I/O port, setting a PCR9 bit to 1 makes the
corresponding pin an output port, while clearing the bit
to 0 makes the pin an input port.
9.8.2
Port Data Register 9 (PDR9)
PDR9 is a general I/O port data register of port 9.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
P97
P96
P95
P94
P93
P92
P91
P90
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
PDR9 stores output data for port 9 pins.
If PDR9 is read while PCR9 bits are set to 1, the values
stored in PDR9 are read. If PDR9 is read while PCR9
bits are cleared to 0, the pin states are read regardless
of the value stored in PDR9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com