Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 30Page - Renesas Technology Corp SH7101 Datasheet HTML 31Page - Renesas Technology Corp SH7101 Datasheet HTML 32Page - Renesas Technology Corp SH7101 Datasheet HTML 33Page - Renesas Technology Corp SH7101 Datasheet HTML 34Page - Renesas Technology Corp SH7101 Datasheet HTML 35Page - Renesas Technology Corp SH7101 Datasheet HTML 36Page - Renesas Technology Corp SH7101 Datasheet HTML 37Page - Renesas Technology Corp SH7101 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 486 page
background image
Rev.2.00 Sep. 27, 2007 Page xxxiv of xxxiv
REJ09B0394-0200
Table 11.5
A/D Converter Interrupt Source............................................................................... 338
Table 11.6
Analog Pin Specifications........................................................................................ 342
Section 13 Pin Function Controller (PFC)
Table 13.1
Multiplexed Pins (Port A)........................................................................................ 353
Table 13.2
Multiplexed Pins (Port B) ........................................................................................ 354
Table 13.3
Multiplexed Pins (Port E) ........................................................................................ 355
Table 13.4
Multiplexed Pins (Port F)......................................................................................... 356
Table 13.5
Multiplexed Pins (Port G)........................................................................................ 356
Table 13.6
Pin Functions in Each Operating Mode ................................................................... 357
Section 14 I/O Ports
Table 14.1
Port A Data Register L (PADRL) Read/Write Operations ...................................... 373
Table 14.2
Port B Data Register (PBDR) Read/Write Operations............................................. 375
Table 14.3
Port E Data Registers H and L (PEDRH and PEDRL) Read/Write Operations ...... 378
Table 14.4
Port F Data Register (PFDR) Read/Write Operations ............................................. 380
Table 14.5
Port G Data Register (PGDR) Read/Write Operations ............................................ 382
Section 17 Power-Down Modes
Table 17.1
Internal Operation States in Each Mode .................................................................. 388
Table 17.2
Pin Configuration..................................................................................................... 389
Section 19 Electrical Characteristics
Table 19.1
Absolute Maximum Ratings .................................................................................... 421
Table 19.2
DC Characteristics ................................................................................................... 422
Table 19.3
Permitted Output Current Values............................................................................. 424
Table 19.4
Clock Timing ........................................................................................................... 426
Table 19.5
Control Signal Timing ............................................................................................. 428
Table 19.6
Multi-Function Timer Pulse Unit Timing ................................................................ 431
Table 19.7
I/O Port Timing........................................................................................................ 432
Table 19.8
Watchdog Timer Timing.......................................................................................... 433
Table 19.9
Serial Communication Interface Timing.................................................................. 434
Table 19.10 Output Enable Timing ............................................................................................. 436
Table 19.11 A/D Converter Timing............................................................................................. 436
Table 19.12 A/D Converter Characteristics ................................................................................. 438
Appendix A Pin States
Table A.1
Pin States ................................................................................................................. 439



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com