Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 37Page - Renesas Technology Corp SH7101 Datasheet HTML 38Page - Renesas Technology Corp SH7101 Datasheet HTML 39Page - Renesas Technology Corp SH7101 Datasheet HTML 40Page - Renesas Technology Corp SH7101 Datasheet HTML 41Page - Renesas Technology Corp SH7101 Datasheet HTML 42Page - Renesas Technology Corp SH7101 Datasheet HTML 43Page - Renesas Technology Corp SH7101 Datasheet HTML 44Page - Renesas Technology Corp SH7101 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 486 page
background image
1. Overview
Rev.2.00 Sep. 27, 2007 Page 7 of 448
REJ09B0394-0200
Type
Symbol
I/O
Name
Function
Multi function
timer-pulse
unit (MTU)
TIOC3A
TIOC3B
TIOC3C
TIOC3D
Input/
Output
MTU input
capture/output
compare
(channel 3)
The TGRA_3 to TGRD_3 input capture
input/output compare output/PWM output
pins.
TIOC4A
TIOC4B
TIOC4C
TIOC4D
Input/
Output
MTU input
capture/output
compare
(channel 4)
The TGRA_4 to TGRB_4 input capture
input/output compare output/PWM output
pins.
TxD2
TxD3
Output
Transmitted
data
Data output pins.
RxD2
RxD3
Input
Received data Data input pins.
Serial com-
munication
Interface
(SCI)
SCK2
SCK3
Input/
Output
Serial clock
Clock input/output pins.
MTU output
control
POE3 to
POE0
Input
Port output
control
Input pins for the signal to request the
output pins of MTU waveform to become
high impedance state.
A/D
converter
AN15 to AN8 Input
Analog input
pins
Analog input pins.
8 channels: AN15 to AN8
ADTRG
Input
Input of trigger
for A/D
conversion
Pin for input of an external trigger to start
A/D conversion
AVCC
Input
Analog power
supply
Power supply pin for the A/D converter.
When the A/D converter is not used,
connect this pin to the system power
supply (+5 V). Connect all AVCC pins to
the power supply. The chip does not
operate normally when some of these pins
are open.
AVSS
Input
Analog ground The ground pin for the A/D converter.
Connect this pin to the system power
supply (0 V). Connect all AVSS pins to the
system power supply. The chip does not
operate normally when some of these pins
are open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com