Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 80Page - Renesas Technology Corp SH7101 Datasheet HTML 81Page - Renesas Technology Corp SH7101 Datasheet HTML 82Page - Renesas Technology Corp SH7101 Datasheet HTML 83Page - Renesas Technology Corp SH7101 Datasheet HTML 84Page - Renesas Technology Corp SH7101 Datasheet HTML 85Page - Renesas Technology Corp SH7101 Datasheet HTML 86Page - Renesas Technology Corp SH7101 Datasheet HTML 87Page - Renesas Technology Corp SH7101 Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 486 page
background image
4. Clock Pulse Generator
Rev.2.00 Sep. 27, 2007 Page 50 of 448
REJ09B0394-0200
4.3
Usage Notes
4.3.1
Note on Crystal Resonator
A sufficient evaluation at the user's site is necessary to use the LSI, by referring the resonator
connection examples shown in this section, because various characteristics related to the crystal
resonator are closely linked to the user's board design. As the resonator circuit ratings will depend
on the resonator and the floating capacitance of the mounting circuit, the ratings should be
determined in consultation with the resonator manufacturer. Ensure that a voltage exceeding the
maximum rating is not applied to the oscillator pin.
4.3.2
Notes on Board Design
Measures against radiation noise are taken in this LSI. If radiation noise needs to be further
reduced, usage of a multi-layer printed circuit board with ground planes is recommended.
When using a crystal resonator, place the crystal resonator and its load capacitors as close as
possible to the XTAL and EXTAL pins. Do not route any signal lines near the oscillator circuitry
as shown in figure 4.5. Otherwise, correct oscillation can be interfered by induction.
CL2
Signal A Signal B
This LSI
CL1
XTAL
EXTAL
Avoid
Figure 4.5 Cautions for Oscillator Circuit System Board Design
A circuitry shown in figure 4.6 is recommended as an external circuitry around the PLL. Place
oscillation stabilization capacitor C1 close to the PLLCAP pin, and ensure that no other signal
lines cross this line. Separate PLLV
CL, PLLVSS, VCC, and VSS from the board power supply source,
and be sure to insert bypass capacitors CB close to the pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com