| Electronic Components Datasheet Search |
|
SH7101 Datasheet(PDF) 25 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7101 Datasheet(HTML) 25 Page - Renesas Technology Corp |
|
25 / 486 page ![]() Rev.2.00 Sep. 27, 2007 Page xxv of xxxiv REJ09B0394-0200 Figure 8.52 Example of Output Phase Switching by Means of UF, VF, WF Bit Settings (1)... 190 Figure 8.53 Example of Output Phase Switching by Means of UF, VF, WF Bit Settings (2)... 191 Figure 8.54 Count Timing in Internal Clock Operation............................................................. 195 Figure 8.55 Count Timing in External Clock Operation ........................................................... 195 Figure 8.56 Count Timing in External Clock Operation (Phase Counting Mode)..................... 196 Figure 8.57 Output Compare Output Timing (Normal Mode/PWM Mode).............................. 196 Figure 8.58 Output Compare Output Timing (Complementary PWM Mode/Reset Synchronous PWM Mode) .......................... 197 Figure 8.59 Input Capture Input Signal Timing......................................................................... 197 Figure 8.60 Counter Clear Timing (Compare Match) ............................................................... 198 Figure 8.61 Counter Clear Timing (Input Capture) ................................................................... 198 Figure 8.62 Buffer Operation Timing (Compare Match) .......................................................... 199 Figure 8.63 Buffer Operation Timing (Input Capture) .............................................................. 199 Figure 8.64 TGI Interrupt Timing (Compare Match) ................................................................ 200 Figure 8.65 TGI Interrupt Timing (Input Capture) .................................................................... 201 Figure 8.66 TCIV Interrupt Setting Timing............................................................................... 202 Figure 8.67 TCIU Interrupt Setting Timing............................................................................... 202 Figure 8.68 Timing for Status Flag Clearing by the CPU ......................................................... 203 Figure 8.69 Phase Difference, Overlap, and Pulse Width in Phase Counting Mode ................. 204 Figure 8.70 Contention between TCNT Write and Clear Operations........................................ 205 Figure 8.71 Contention between TCNT Write and Increment Operations ................................ 206 Figure 8.72 Contention between TGR Write and Compare Match ........................................... 207 Figure 8.73 Contention between Buffer Register Write and Compare Match (Channel 0) ....... 208 Figure 8.74 Contention between Buffer Register Write and Compare Match (Channels 3 and 4).................................................................................................. 209 Figure 8.75 Contention between TGR Read and Input Capture ................................................ 210 Figure 8.76 Contention between TGR Write and Input Capture ............................................... 211 Figure 8.77 Contention between Buffer Register Write and Input Capture............................... 212 Figure 8.78 TCNT_2 Write and Overflow/Underflow Contention with Cascade Connection.. 213 Figure 8.79 Counter Value during Complementary PWM Mode Stop ..................................... 214 Figure 8.80 Buffer Operation and Compare-Match Flags in Reset Sync PWM Mode.............. 215 Figure 8.81 Reset Sync PWM Mode Overflow Flag ................................................................. 216 Figure 8.82 Contention between Overflow and Counter Clearing ............................................ 217 Figure 8.83 Contention between TCNT Write and Overflow.................................................... 218 Figure 8.84 Error Occurrence in Normal Mode, Recovery in Normal Mode ............................ 223 Figure 8.85 Error Occurrence in Normal Mode, Recovery in PWM Mode 1............................ 224 Figure 8.86 Error Occurrence in Normal Mode, Recovery in PWM Mode 2............................ 225 Figure 8.87 Error Occurrence in Normal Mode, Recovery in Phase Counting Mode ............... 226 Figure 8.88 Error Occurrence in Normal Mode, Recovery in Complementary PWM Mode .... 227 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |