Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 91Page - Renesas Technology Corp SH7101 Datasheet HTML 92Page - Renesas Technology Corp SH7101 Datasheet HTML 93Page - Renesas Technology Corp SH7101 Datasheet HTML 94Page - Renesas Technology Corp SH7101 Datasheet HTML 95Page - Renesas Technology Corp SH7101 Datasheet HTML 96Page - Renesas Technology Corp SH7101 Datasheet HTML 97Page - Renesas Technology Corp SH7101 Datasheet HTML 98Page - Renesas Technology Corp SH7101 Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 486 page
background image
5. Exception Processing
Rev.2.00 Sep. 27, 2007 Page 61 of 448
REJ09B0394-0200
5.4.2
Interrupt Priority Level
The interrupt priority is predetermined. When multiple interrupts occur simultaneously
(overlapped interruptions), the interrupt controller (INTC) determines their relative priorities and
starts the exception processing according to the results.
The priority of interrupts is expressed as priority levels 0 to 16, with priority 0 the lowest and
priority 16 the highest. The NMI interrupt has priority 16 and cannot be masked, so it is always
accepted. IRQ interrupts and on-chip peripheral module interrupt priority levels can be set freely
using the INTC's interrupt priority registers A, D to I (IPRA, IPRD to IPRI) as shown in table 5.8.
The priority levels that can be set are 0 to 15. Level 16 cannot be set. See section 6.3.4, Interrupt
Priority Registers A, D to I (IPRA, IPRD to IPRI), for more information on IPRA, IPRD to IPRI.
Table 5.8
Interrupt Priority
Type
Priority Level
Comment
NMI
16
Fixed priority level. Cannot be masked.
IRQ
On-chip peripheral module
0 to 15
Set with interrupt priority registers A, D to I
(IPRA, IPRD to IPRI).
5.4.3
Interrupt Exception Processing
When an interrupt occurs, the interrupt controller (INTC) ascertains its priority level. NMI is
always accepted, but other interrupts are only accepted if they have a priority level higher than the
priority level set in the interrupt mask bits (I3 to I0) of the status register (SR).
When an interrupt is accepted, exception processing begins. In interrupt exception processing, the
CPU saves SR and the program counter (PC) to the stack. The priority level value of the accepted
interrupt is written to SR bits I3 to I0. For NMI, however, the priority level is 16, but the value set
in I3 to I0 is H'F (level 15). Next, the start address of the exception service routine is fetched from
the exception processing vector table for the accepted interrupt, that address is jumped to and
execution begins. See section 6.6, Operation, for more information on the interrupt exception
processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com