Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 87Page - Renesas Technology Corp SH7101 Datasheet HTML 88Page - Renesas Technology Corp SH7101 Datasheet HTML 89Page - Renesas Technology Corp SH7101 Datasheet HTML 90Page - Renesas Technology Corp SH7101 Datasheet HTML 91Page - Renesas Technology Corp SH7101 Datasheet HTML 92Page - Renesas Technology Corp SH7101 Datasheet HTML 93Page - Renesas Technology Corp SH7101 Datasheet HTML 94Page - Renesas Technology Corp SH7101 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 486 page
background image
5. Exception Processing
Rev.2.00 Sep. 27, 2007 Page 57 of 448
REJ09B0394-0200
5.2
Resets
5.2.1
Types of Reset
Resets have the highest priority of any exception source. There are two types of resets: manual
resets and power-on resets. As table 5.5 shows, both types of resets initialize the internal status of
the CPU. In power-on resets, all registers of the on-chip peripheral modules are initialized; in
manual resets, they are not.
Table 5.5
Reset Status
Conditions for Transition
to Reset Status
Internal Status
Type
RES
WDT
Overflow
MRES
CPU/INTC
On-Chip
Peripheral
Module
PFC, IO Port
Low
⎯
⎯
Initialized
Initialized
Initialized
Power-on reset
High
Overflow
High
Initialized
Initialized
Not initialized
Manual reset
High
⎯
Low
Initialized
Not initialized Not initialized
5.2.2
Power-On Reset
Power-On Reset by
RES Pin: When the RES pin is driven low, the LSI becomes to be a power-
on reset state. To reliably reset the LSI, the
RES pin should be kept at low for at least the duration
of the oscillation settling time when applying power or when in standby mode (when the clock
circuit is halted) or at least 25 t
cyc when the clock circuit is running. During power-on reset, CPU
internal status and all registers of on-chip peripheral modules are initialized. See appendix A, Pin
States, for the status of individual pins during the power-on reset status.
In the power-on reset status, power-on reset exception processing starts when the
RES pin is first
driven low for a set period of time and then returned to high. The CPU will then operate as
follows:
1. The initial value (execution start address) of the program counter (PC) is fetched from the
exception processing vector table.
2. The initial value of the stack pointer (SP) is fetched from the exception processing vector table.
3. The vector base register (VBR) is cleared to H'00000000 and the interrupt mask bits (I3 to I0)
of the status register (SR) are set to H'F (B'1111).
4. The values fetched from the exception processing vector table are set in PC and SP, then the
program begins executing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com