Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 40Page - Renesas Technology Corp SH7101 Datasheet HTML 41Page - Renesas Technology Corp SH7101 Datasheet HTML 42Page - Renesas Technology Corp SH7101 Datasheet HTML 43Page - Renesas Technology Corp SH7101 Datasheet HTML 44Page - Renesas Technology Corp SH7101 Datasheet HTML 45Page - Renesas Technology Corp SH7101 Datasheet HTML 46Page - Renesas Technology Corp SH7101 Datasheet HTML 47Page - Renesas Technology Corp SH7101 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 486 page
background image
1. Overview
Rev.2.00 Sep. 27, 2007 Page 10 of 448
REJ09B0394-0200
Item
SH7046F
SH7101
I/O port
PFC
PE19/PUOB
PE19 (pulled up when used as
general purpose input)*
PE20/PVOB
PE20 (pulled up when used as
general purpose input)*
PE21/PWOB
PE21 (pulled up when used as
general purpose input)*
PG0/AN16
PG0
PG1/AN17
PG1
PG2/AN18
PG2
PG3/AN19
PG3
ROM
Flash 256 kbytes
Mask ROM 32 kbytes
RAM
12 kbytes
2 kbytes
Operating clock
4 to 50 MHz
10 to 40 MHz
Note:
*
Pins PE21 to PE16 also functioned as high-current function pins. Howwever, in the
SH7101, pins PE21 to PE16 are exclusively for general input/output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com