Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 90Page - Renesas Technology Corp SH7101 Datasheet HTML 91Page - Renesas Technology Corp SH7101 Datasheet HTML 92Page - Renesas Technology Corp SH7101 Datasheet HTML 93Page - Renesas Technology Corp SH7101 Datasheet HTML 94Page - Renesas Technology Corp SH7101 Datasheet HTML 95Page - Renesas Technology Corp SH7101 Datasheet HTML 96Page - Renesas Technology Corp SH7101 Datasheet HTML 97Page - Renesas Technology Corp SH7101 Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 486 page
background image
5. Exception Processing
Rev.2.00 Sep. 27, 2007 Page 60 of 448
REJ09B0394-0200
5.3.2
Address Error Exception Processing
When an address error occurs, the bus cycle in which the address error occurred ends, the current
instruction finishes, and then address error exception processing starts. The CPU operates as
follows:
1. The status register (SR) is saved to the stack.
2. The program counter (PC) is saved to the stack. The PC value saved is the start address of the
instruction to be executed after the last executed instruction.
3. The start address of the exception service routine is fetched from the exception processing
vector table that corresponds to the occurred address error, and the program starts executing
from that address. The jump in this case is not a delayed branch.
5.4
Interrupts
5.4.1
Interrupt Sources
Table 5.7 shows the sources that start the interrupt exception processing. They are NMI, IRQ and
on-chip peripheral modules.
Table 5.7
Interrupt Sources
Type
Request Source
Number of Sources
NMI
NMI pin (external input)
1
IRQ
IRQ0 to IRQ3 pins (external input)
4
On-chip peripheral module
Multifunction timer unit
23
Compare match timer
2
A/D converter (A/D0 and A/D1)
2
Serial communication interface
8
Watchdog timer
1
Input/output port
1
Each interrupt source is allocated a different vector number and vector table offset. See section 6,
Interrupt Controller (INTC), and table 6.2, Interrupt Exception Processing Vectors and Priorities,
for more information on vector numbers and vector table address offsets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com