Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 36Page - Renesas Technology Corp SH7101 Datasheet HTML 37Page - Renesas Technology Corp SH7101 Datasheet HTML 38Page - Renesas Technology Corp SH7101 Datasheet HTML 39Page - Renesas Technology Corp SH7101 Datasheet HTML 40Page - Renesas Technology Corp SH7101 Datasheet HTML 41Page - Renesas Technology Corp SH7101 Datasheet HTML 42Page - Renesas Technology Corp SH7101 Datasheet HTML 43Page - Renesas Technology Corp SH7101 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 486 page
background image
1. Overview
Rev.2.00 Sep. 27, 2007 Page 6 of 448
REJ09B0394-0200
Type
Symbol
I/O
Name
Function
Operating
mode control
FWP
Input
Protection
against write
operation into
Flash memory
Pin for the flash memory. This pin is only
used in the flash memory version. Writing
or erasing of flash memory can be
protected. This pin becomes the Vcc pin
for the mask ROM version.
System
control
RES
Input
Power on
reset
When this pin is driven low, the chip
becomes to power on reset state.
MRES
Input
Manual reset
When this pin is driven low, the chip
becomes to manual reset state.
WDTOVF
Output
Watchdog
timer overflow
Output signal for the watchdog timer
overflow. This pin should be pulled down
with at least 1 M
Ω resistor value.
NMI
Input
Non-maskable
interrupt
Non-maskable interrupt pin. If this pin is
not used, it should be fixed high or low.
IRQ3 to IRQ0 Input
Interrupt
request 3 to 0
These pins request a maskable interrupt.
One of the level input or edge input can be
selected. In case of the edge input, one of
the rising edge, falling edge, or both can
be selected.
Interrupts
IRQOUT
Output
Interrupt
request output
Shows that an interrupt cause has
occurred.
Multi function
timer-pulse
unit (MTU)
TCLKA
TCLKB
TCLKC
TCLKD
Input
External clock
input for MTU
timer
These pins input an external clock.
TIOC0A
TIOC0B
TIOC0C
TIOC0D
Input/
Output
MTU input
capture/output
compare
(channel 0)
The TGRA_0 to TGRD_0 input capture
input/output compare output/PWM output
pins.
TIOC1A
TIOC1B
Input/
Output
MTU input
capture/output
compare
(channel 1)
The TGRA_1 to TGRB_1 input capture
input/output compare output/PWM output
pins.
TIOC2A
TIOC2B
Input/
Output
MTU input
capture/output
compare
(channel 2)
The TGRA_2 to TGRB_2 input capture
input/output compare output/PWM output
pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com