Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 74Page - Renesas Technology Corp SH7101 Datasheet HTML 75Page - Renesas Technology Corp SH7101 Datasheet HTML 76Page - Renesas Technology Corp SH7101 Datasheet HTML 77Page - Renesas Technology Corp SH7101 Datasheet HTML 78Page - Renesas Technology Corp SH7101 Datasheet HTML 79Page - Renesas Technology Corp SH7101 Datasheet HTML 80Page - Renesas Technology Corp SH7101 Datasheet HTML 81Page - Renesas Technology Corp SH7101 Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 486 page
background image
3. MCU Operating Modes
Rev.2.00 Sep. 27, 2007 Page 44 of 448
REJ09B0394-0200
3.2
Input/Output Pins
Table 3.3 describes the configuration of operating mode related pins.
Table 3.3
Operating Mode Pin Configuration
Pin Name
Input/Output
Function
MD0
Input
Designates operating mode through the level applied to this pin
MD1
Input
Designates operating mode through the level applied to this pin
MD2
Input
Designates clock mode through the level applied to this pin
MD3
Input
Designates clock mode through the level applied to this pin
FWP
Input
Pin for the hardware protection against writing/erasing the on-chip
flash memory. In this LSI, conncet this pin to V
CC.
3.3
Explanation of Operating Modes
This LSI does not support modes 0 to 2 (MCU extension mode 0 to 2).
3.3.1
Mode 3 (Single chip mode)
All ports can be used in this mode, however the external address cannot be used. The SH7101
supports only this mode.
3.3.2
Clock Mode
The input waveform frequency can be used as is, doubled or quadrupled as system clock
frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com