Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 49Page - Renesas Technology Corp SH7101 Datasheet HTML 50Page - Renesas Technology Corp SH7101 Datasheet HTML 51Page - Renesas Technology Corp SH7101 Datasheet HTML 52Page - Renesas Technology Corp SH7101 Datasheet HTML 53Page - Renesas Technology Corp SH7101 Datasheet HTML 54Page - Renesas Technology Corp SH7101 Datasheet HTML 55Page - Renesas Technology Corp SH7101 Datasheet HTML 56Page - Renesas Technology Corp SH7101 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 486 page
background image
2. CPU
Rev.2.00 Sep. 27, 2007 Page 19 of 448
REJ09B0394-0200
Absolute Address: When data is accessed by absolute address, the value in the absolute address is
placed in the memory table in advance. That value is transferred to the register by loading the
immediate data during the execution of the instruction, and the data is accessed in the indirect
register addressing mode.
Table 2.6
Absolute Address Accessing
Classification
CPU of This LSI
Example of Conventional CPU
Absolute address
MOV.L
@(disp,PC),R1
MOV.B
@R1,R0
..................
.DATA.L
H'12345678
MOV.B
@H'12345678,R0
Note:
@(disp, PC) accesses the immediate data.
16-Bit/32-Bit Displacement: When data is accessed by 16-bit or 32-bit displacement, the
displacement value is placed in the memory table in advance. That value is transferred to the
register by loading the immediate data during the execution of the instruction, and the data is
accessed in the indirect indexed register addressing mode.
Table 2.7
Displacement Accessing
Classification
CPU of This LSI
Example of Conventional CPU
16-bit displacement
MOV.W
@(disp,PC),R0
MOV.W
@(R0,R1),R2
..................
.DATA.W
H'1234
MOV.W
@(H'1234,R1),R2
Note:
@(disp, PC) accesses the immediate data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com