Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 5Page - Renesas Technology Corp SH7101 Datasheet HTML 6Page - Renesas Technology Corp SH7101 Datasheet HTML 7Page - Renesas Technology Corp SH7101 Datasheet HTML 8Page - Renesas Technology Corp SH7101 Datasheet HTML 9Page - Renesas Technology Corp SH7101 Datasheet HTML 10Page - Renesas Technology Corp SH7101 Datasheet HTML 11Page - Renesas Technology Corp SH7101 Datasheet HTML 12Page - Renesas Technology Corp SH7101 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 486 page
background image
Rev.2.00 Sep. 27, 2007 Page ix of xxxiv
REJ09B0394-0200
Item
Page
Revision (See Manual for Details)
8.7.15 Overflow Flags in
Reset Sync PWM Mode
Figure 8.81 Reset Sync
PWM Mode Overflow
Flag
216
Figure amended
TGRA_3
(H'FFFF)
H'0000
TCFV_3
TCFV_4
TCNT_3 = TCNT_4
Counter cleared by compare match 3A
Not set
Not set
8.7.21 Simultaneous
Input Capture of
TCNT_1 and TCNT_2 in
Cascade Connection
219
Description amended
When timer counters 1 and 2 (TCNT_1 and TCNT_2) are
operated as a 32-bit counter in cascade connection, the
cascade counter value cannot be captured successfully even if
input-capture input is simultaneously done to TIOC1A and
TIOC2A or to TIOC1B and TIOC2B. This is because the input
timing of TIOC1A and TIOC2A or of TIOC1B and TIOC2B may
not be the same when external input-capture signals to be input
into TCNT_1 and TCNT_2 are taken in synchronization with the
internal clock. For example, TCNT_1 (the counter for upper 16
bits) does not capture the count-up value by overflow from
TCNT_2 (the counter for lower 16 bits) but captures the count
value before the count-up. In this case, the values of TCNT_1 =
H'FFF1 and TCNT_2 = H'0000 should be transferred to
TGRA_1 and TGRA_2 or to TGRB_1 and TGRB_2, but the
values of TCNT_1 = H'FFF0 and TCNT_2 = H'0000 are
erroneously transferred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com