Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 73Page - Renesas Technology Corp SH7101 Datasheet HTML 74Page - Renesas Technology Corp SH7101 Datasheet HTML 75Page - Renesas Technology Corp SH7101 Datasheet HTML 76Page - Renesas Technology Corp SH7101 Datasheet HTML 77Page - Renesas Technology Corp SH7101 Datasheet HTML 78Page - Renesas Technology Corp SH7101 Datasheet HTML 79Page - Renesas Technology Corp SH7101 Datasheet HTML 80Page - Renesas Technology Corp SH7101 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 486 page
background image
3. MCU Operating Modes
Rev.2.00 Sep. 27, 2007 Page 43 of 448
REJ09B0394-0200
Section 3 MCU Operating Modes
3.1
Selection of Operating Modes
This LSI has one operating mode and four clock modes. The operating mode is determined by the
setting of MD3 to MD0, and FWP pins. Do not change these pins during LSI operation (while
power is on). Do not set these pins in the other way than the combination shown in table 3.1. This
LSI supports only mode 3.
Table 3.1
Selection of Operating Modes
Pin Setting
Mode
No.
FWP MD3
MD2
MD1
MD0 Mode Name
On-Chip ROM
Mode 3 1
x
x
1
1
Single chip mode
Active
Note:
The symbol x means “Don't care.”
The clock mode is selected by the input of MD2 and MD3 pins.
Table 3.2
Maximum Operating Clock Frequency for Each Clock Mode
Pin Setting
MD3
MD2
Maximum Operating Clock Frequency
0
0
10 MHz (Input clock
× 1, maximum of input clock: 10 MHz)
0
1
20 MHz (Input clock
× 2, maximum of input clock: 10 MHz)
1
0
40 MHz (Input clock
× 4*, maximum of input clock: 10 MHz)
1
1
40 MHz (Input clock
× 4 for system clock, Input clock × 2 for
peripheral clock, maximum of input clock: 10 MHz)
Note:
*
The maximum of input clock is 10 MHz so that P
φ is lower or equal to 40 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com