Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 43Page - Renesas Technology Corp SH7101 Datasheet HTML 44Page - Renesas Technology Corp SH7101 Datasheet HTML 45Page - Renesas Technology Corp SH7101 Datasheet HTML 46Page - Renesas Technology Corp SH7101 Datasheet HTML 47Page - Renesas Technology Corp SH7101 Datasheet HTML 48Page - Renesas Technology Corp SH7101 Datasheet HTML 49Page - Renesas Technology Corp SH7101 Datasheet HTML 50Page - Renesas Technology Corp SH7101 Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 486 page
background image
2. CPU
Rev.2.00 Sep. 27, 2007 Page 13 of 448
REJ09B0394-0200
2.2.1
General Registers (Rn)
The sixteen 32-bit general registers (Rn) are numbered R0 to R15. General registers are used for
data processing and address calculation. R0 is also used as an index register. Several instructions
have R0 fixed as their only usable register. R15 is used as the hardware stack pointer (SP). Saving
and recovering the status register (SR) and program counter (PC) in exception processing is
accomplished by referencing the stack using R15.
2.2.2
Control Registers
The control registers consist of three 32-bit registers: status register (SR), global base register
(GBR), and vector base register (VBR). The status register indicates processing states. The global
base register functions as a base address for the indirect GBR addressing mode to transfer data to
the registers of on-chip peripheral modules. The vector base register functions as the base address
of the exception processing vector area (including interrupts).
Status Register (SR):
Bit
Bit Name
Initial
Value
R/W
Description
31 to 10
⎯
All 0
R/W
Reserved
This bit is always read as 0. The write value should
always be 0.
9
M
Undefined
R/W
Used by the DIV0U, DIV0S, and DIV1 instructions.
8
Q
Undefined
R/W
Used by the DIV0U, DIV0S, and DIV1 instructions.
7
6
5
4
I3
I2
I1
I0
1
1
1
1
R/W
R/W
R/W
R/W
Interrupt mask bits.
3, 2
⎯
All 0
R/W
Reserved
This bit is always read as 0. The write value should
always be 0.
1
S
Undefined
R/W
S bit
Used by the MAC instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com