Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 7Page - Renesas Technology Corp SH7101 Datasheet HTML 8Page - Renesas Technology Corp SH7101 Datasheet HTML 9Page - Renesas Technology Corp SH7101 Datasheet HTML 10Page - Renesas Technology Corp SH7101 Datasheet HTML 11Page - Renesas Technology Corp SH7101 Datasheet HTML 12Page - Renesas Technology Corp SH7101 Datasheet HTML 13Page - Renesas Technology Corp SH7101 Datasheet HTML 14Page - Renesas Technology Corp SH7101 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 486 page
background image
Rev.2.00 Sep. 27, 2007 Page xi of xxxiv
REJ09B0394-0200
Item
Page
Revision (See Manual for Details)
11.1 Features
325
Description added
• Conversion time: 6.7 μs per channel (at Pφ = 20-MHz
operation)
5.4
μs per channel (at Pφ = 25-MHz
operation)
11.7.2 Permissible
Signal Source
Impedance
340
Description amended
This LSI's analog input is designed such that conversion
accuracy is guaranteed for an input signal for which the signal
source impedance is 1 k
Ω or less, or 3 kΩ or less. This
specification is provided to enable the A/D converter's sample-
and-hold circuit input capacitance to be charged within the
sampling time; if the sensor output impedance exceeds 1 k
Ω or
3 k
Ω, charging may be insufficient and it may not be possible to
guarantee A/D conversion accuracy. ...
17.3.1 Sleep Mode
Notes on Using Sleep
Mode
395
Description added
• There are 4 conditions to clear sleep mode.
(1) Clearing by an interrupt
(2) Clearing by DTC address error
(3) Clearing by the power-on reset
(4) Clearing by the manual reset
When clearing sleep mode by (1) or (2), CPU may run out of
control. Please clear sleep mode by (3) or (4), don't use (1) or
(2).
• Do not use DTC module or AUD module during sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com