Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 3Page - Renesas Technology Corp SH7101 Datasheet HTML 4Page - Renesas Technology Corp SH7101 Datasheet HTML 5Page - Renesas Technology Corp SH7101 Datasheet HTML 6Page - Renesas Technology Corp SH7101 Datasheet HTML 7Page - Renesas Technology Corp SH7101 Datasheet HTML 8Page - Renesas Technology Corp SH7101 Datasheet HTML 9Page - Renesas Technology Corp SH7101 Datasheet HTML 10Page - Renesas Technology Corp SH7101 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 486 page
background image
Rev.2.00 Sep. 27, 2007 Page vii of xxxiv
REJ09B0394-0200
Main Revisions for This Edition
Item
Page
Revision (See Manual for Details)
All
⎯
• Company name and brand names amended
(Before) Hitachi, Ltd.
→ (After) Renesas Technology Corp.
6.5 Interrupt Exception
Processing Vectors
Table
Table 6.2 Interrupt
Exception Processing
Vectors and Priorities
79
Table amended
Interrupt
Source
Name
MTU channel 3 TGIA_3
TGIB_3
TGIC_3
TGID_3
TCIV_3
7.5.1 Bus Control
Register 1 (BCR1)
89
Bit table amended
Bit
Bit Name
Initial
Value
R/W
Description
14
⎯
1
R
Reserved
These bits are always read as 1 and should always be
written to 1.
8.1 Features
Figure 8.1 Block
Diagram of MTU
94
Title and figure amended
Interrupt request signals
Channel 3:
Channel 4:
TGI3A
TGI3B
TGI3C
TGI3D
TCI3V
TGI4A
TGI4B
TGI4C
TGI4D
TCI4V
8.3.3 Timer I/O Control
Register (TIOR)
Table 8.13 TIORL_0
(channel 0)
109
Table amended
Description
Bit 3
IOC3
Bit 2
IOC2
Bit 1
IOC1
Bit 0
IOC0
TGRC_0
Function
TIOC0C Pin Function
0
0
0
0
Output disable
1
Output
compare
register*
Initial output is 0
0 output at compare match
8.4.4 Cascaded
Operation
Table 8.30 Cascaded
Combinations
149
Note amended
Note: When phase counting mode is set for channel 1 or 2, the
counter clock setting is invalid and the counters operates
independently in phase counting mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com