Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 6Page - Renesas Technology Corp SH7101 Datasheet HTML 7Page - Renesas Technology Corp SH7101 Datasheet HTML 8Page - Renesas Technology Corp SH7101 Datasheet HTML 9Page - Renesas Technology Corp SH7101 Datasheet HTML 10Page - Renesas Technology Corp SH7101 Datasheet HTML 11Page - Renesas Technology Corp SH7101 Datasheet HTML 12Page - Renesas Technology Corp SH7101 Datasheet HTML 13Page - Renesas Technology Corp SH7101 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 486 page
background image
Rev.2.00 Sep. 27, 2007 Page x of xxxiv
REJ09B0394-0200
Item
Page
Revision (See Manual for Details)
8.9.5 Usage Note
262
Description added
(1) Symptom
(a) Regarding the POEnF*1 bits
If setting of the POEnF bits in the input level control/status
registers (ICSR1 and ICSR2) by the hardware*2 and reading
from these bits occur simultaneously, “0” will be read, where “1”
should be read.
Furthermore, if clearing of these bits is attempted subsequent
to the above condition, the clearing should be ignored*3 but it
will be carried out.
Notes: *1 For the SH7046-Series and SH7047-Series, n = 0 to
6; for the SH7144-Series, n = 0 to 3.
*2 The POEnF bits are set when the signals input to the
respective POEn pins satisfy the conditions that are
specified by the POEnM1 and POEnM0 of the
ICSR1 and ICSR2.
*3 The correct operation is that clearing of the POEnF
bits is only possible after “1” is read from them in
order to prevent accidental clearing.
(b) Regarding the OSF bit
The same symptom applies to the OSF bits of the output level
control/status register (OCSR).
(2) To Avoid This Problem
Please clear the POEnF bits or the OSF bit in these steps: first
execute a read for ICSR1, ICSR2, or OCSR, then write “0” to
the bits that had a read value of “1” to clear them while writing
“1” to other bits. If this procedure is not followed, the POEnF
bits and the OSF bit may be cleared unexpectedly if their
setting by hardware and reading occur simultaneously.
10.3.2 Receive Data
Register (RDR)
280
Description added
... RDR cannot be written to by the CPU. The initial value of
RDR is H'00.
10.3.4 Transmit Data
Register (TDR)
280
Description added
... Although TDR can be read or written to by the CPU at all
times, to achieve reliable serial transmission, write transmit
data to TDR for only once after confirming that the TDRE bit in
SSR is set to 1. The initial value of TDR is H'FF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com