Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 79Page - Renesas Technology Corp SH7101 Datasheet HTML 80Page - Renesas Technology Corp SH7101 Datasheet HTML 81Page - Renesas Technology Corp SH7101 Datasheet HTML 82Page - Renesas Technology Corp SH7101 Datasheet HTML 83Page - Renesas Technology Corp SH7101 Datasheet HTML 84Page - Renesas Technology Corp SH7101 Datasheet HTML 85Page - Renesas Technology Corp SH7101 Datasheet HTML 86Page - Renesas Technology Corp SH7101 Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 486 page
background image
4. Clock Pulse Generator
Rev.2.00 Sep. 27, 2007 Page 49 of 448
REJ09B0394-0200
4.1.2
External Clock Input Method
Figure 4.4 shows an example of an external clock input connection. In this case, make the external
clock high level to stop it in standby mode. During operation, make the external input clock
frequency 4 to 10 MHz.
When leaving the XTAL pin open, make sure the parasitic capacitance is less than 10 pF.
Even when inputting an external clock, be sure to wait at least the oscillation stabilization time in
power-on sequence or in releasing standby mode, in order to ensure the PLL stabilization time.
EXTAL
XTAL
External clock input
Open state
Figure 4.4 Example of External Clock Connection
4.2
Function for Detecting Oscillator Halt
This CPG can detect a clock halt and automatically cause the timer pins to become high-
impedance when any system abnormality causes the oscillator to halt. That is, when a change of
EXTAL has not been detected, the high-current six pins (PE9/TIOC3B, PE11/TIOC3D,
PE12/TIOC4A, PE13/TIOC4B/
MRES, PE14/TIOC4C, and PE15/TIOC4D/IRQOUT) are set to
high-impedance regardless of PFC setting.
Even in standby mode, these six pins become high-impedance regardless of PFC setting. These
pins enter the normal state after standby mode is released. When abnormalities that halt the
oscillator occur except in standby mode, other LSI operations become undefined. In this case, LSI
operations, including these six pins, become undefined even when the oscillator operation starts
again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com