Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 348 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 348 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 344Page - Renesas Technology Corp SH7101 Datasheet HTML 345Page - Renesas Technology Corp SH7101 Datasheet HTML 346Page - Renesas Technology Corp SH7101 Datasheet HTML 347Page - Renesas Technology Corp SH7101 Datasheet HTML 348Page - Renesas Technology Corp SH7101 Datasheet HTML 349Page - Renesas Technology Corp SH7101 Datasheet HTML 350Page - Renesas Technology Corp SH7101 Datasheet HTML 351Page - Renesas Technology Corp SH7101 Datasheet HTML 352Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 486 page
background image
10. Serial Communication Interface (SCI)
Rev.2.00 Sep. 27, 2007 Page 314 of 448
REJ09B0394-0200
10.6.2
SCI Initialization (Clocked Synchronous Mode)
Before transmitting and receiving data, you should first clear the TE and RE bits in SCR to 0, then
initialize the SCI as described in a sample flowchart in figure 10.15. When the operating mode,
transfer format, etc., is changed, the TE and RE bits must be cleared to 0 before making the
change using the following procedure. When the TE bit is cleared to 0, the TDRE flag is set to 1.
Note that clearing the RE bit to 0 does not initialize the RDRF, PER, FER, and ORER flags, or the
contents of RDR.
Wait
No
Yes
<Transfer start>
Start initialization
Set data transfer format in
SMR
Set value in BRR
Clear RIE, TIE, TEIE, MPIE,
TE and RE bits in SCR to 0*
[2]
[3]
Set the RIE, TIE, TEIE, and
MPIE bits in SCR
[4]
[5]
[6]
1-bit interval elapsed?
Set PFC of the external pin used
SCK, TxD, RxD
Set TE and RE bits of SCR to 1
Set CKE1 and CKE0 bits in SCR
(TE and RE bits are 0)
[1]
[1] Set the clock selection in SCR.
[2] Set the data transfer format in SMR.
[3] Write a value corresponding to the bit
rate to BRR. Not necessary if an
external clock is used.
[4] Set the RIE, TIE TEIE, and MPIE bits.
[5] Set PFC of the external pin used. Set
RxD input during receiving and TxD
output during transmitting. Set SCK
input/output according to contents set
by CKE1 and CKE0.
[6] Wait at least one bit interval, then set
the TE bit or RE bit in SCR to 1.* At this
time, the TxD, RxD, and SCK pins can
be used. The TxD pin is in a mark state
during transmitting. When synchronous
clock output (clock master) is set during
receiving in synchronous mode,
outputting clocks from the SCK pin
starts.
Note: * In simultaneous transmit and receive operations, the TE and RE bits should both be
cleared to 0 or set to 1 simultaneously.
Figure 10.15 Sample SCI Initialization Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com