Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 222 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 222 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 218Page - Renesas Technology Corp SH7101 Datasheet HTML 219Page - Renesas Technology Corp SH7101 Datasheet HTML 220Page - Renesas Technology Corp SH7101 Datasheet HTML 221Page - Renesas Technology Corp SH7101 Datasheet HTML 222Page - Renesas Technology Corp SH7101 Datasheet HTML 223Page - Renesas Technology Corp SH7101 Datasheet HTML 224Page - Renesas Technology Corp SH7101 Datasheet HTML 225Page - Renesas Technology Corp SH7101 Datasheet HTML 226Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 486 page
background image
8. Multi-Function Timer Pulse Unit (MTU)
Rev.2.00 Sep. 27, 2007 Page 188 of 448
REJ09B0394-0200
Counter Clearing by another Channel: In complementary PWM mode, by setting a mode for
synchronization with another channel by means of the timer synchro register (TSYR), and
selecting synchronous clearing with bits CCLR2 to CCLR0 in the timer control register (TCR), it
is possible to have TCNT_3, TCNT_4, and TCNTS cleared by another channel.
Figure 8.49 illustrates the operation.
Use of this function enables counter clearing and restarting to be performed by means of an
external signal.
TGRA_3
TCDR
TDDR
H'0000
Channel 1
Input capture A
TCNT_1
TCNT_3
TCNT_4
TCNTS
Synchronous counter clearing by channel 1 input capture A
Figure 8.49 Counter Clearing Synchronized with Another Channel
Example of AC Synchronous Motor (Brushless DC Motor) Drive Waveform Output: In
complementary PWM mode, a brushless DC motor can easily be controlled using the timer gate
control register (TGCR). Figures 8.50 to 8.53 show examples of brushless DC motor drive
waveforms created using TGCR.
When output phase switching for a 3-phase brushless DC motor is performed by means of external
signals detected with a Hall element, etc., clear the FB bit in TGCR to 0. In this case, the external
signals indicating the polarity position are input to channel 0 timer input pins TIOC0A, TIOC0B,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com