Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 230 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 230 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 226Page - Renesas Technology Corp SH7101 Datasheet HTML 227Page - Renesas Technology Corp SH7101 Datasheet HTML 228Page - Renesas Technology Corp SH7101 Datasheet HTML 229Page - Renesas Technology Corp SH7101 Datasheet HTML 230Page - Renesas Technology Corp SH7101 Datasheet HTML 231Page - Renesas Technology Corp SH7101 Datasheet HTML 232Page - Renesas Technology Corp SH7101 Datasheet HTML 233Page - Renesas Technology Corp SH7101 Datasheet HTML 234Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 486 page
background image
8. Multi-Function Timer Pulse Unit (MTU)
Rev.2.00 Sep. 27, 2007 Page 196 of 448
REJ09B0394-0200
P
φ
External
clock
TCNT input
clock
TCNT
Falling edge
Falling edge
Rising edge
N-1
N
N+1
Figure 8.56 Count Timing in External Clock Operation (Phase Counting Mode)
Output Compare Output Timing: A compare match signal is generated in the final state in
which TCNT and TGR match (the point at which the count value matched by TCNT is updated).
When a compare match signal is generated, the output value set in TIOR is output at the output
compare output pin (TIOC pin). After a match between TCNT and TGR, the compare match
signal is not generated until the TCNT input clock is generated.
Figure 8.57 shows output compare output timing (normal mode and PWM mode) and figure 8.58
shows output compare output timing (complementary PWM mode and reset synchronous PWM
mode).
TGR
TCNT
TCNT input
clock
N
N
N+1
Compare
match signal
TIOC pin
P
φ
Figure 8.57 Output Compare Output Timing (Normal Mode/PWM Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com