Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 30Page - Renesas Technology Corp 3886 Datasheet HTML 31Page - Renesas Technology Corp 3886 Datasheet HTML 32Page - Renesas Technology Corp 3886 Datasheet HTML 33Page - Renesas Technology Corp 3886 Datasheet HTML 34Page - Renesas Technology Corp 3886 Datasheet HTML 35Page - Renesas Technology Corp 3886 Datasheet HTML 36Page - Renesas Technology Corp 3886 Datasheet HTML 37Page - Renesas Technology Corp 3886 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 380 page
background image
1-9
3886 Group User’s Manual
HARDWARE
GROUP EXPANSION
Mitsubishi plans to expand the 3886 group as follows.
Memory Type
Support for mask ROM, One Time PROM, EPROM and flash
memory version.
Memory Size
ROM size ........................................................... 32 K to 60 K bytes
RAM size ......................................................... 1024 to 2048 bytes
Packages
80P6Q-A ................................. 0.5 mm-pitch plastic molded LQFP
80P6S-A .................................. 0.65mm-pitch plastic molded QFP
80D0 ....................... 0.8 mm-pitch ceramic LCC (EPROM version)
The pin number and the position of the function pin may change
by the kind of package.
Fig. 6 Memory expansion plan
Currently products are listed below.
RAM size (bytes)
Remarks
Package
Table 3 Support products
Product name
As of Sep. 2000
32768 (32638)
49152 (49022)
61440 (61310)
(P) ROM size (bytes)
ROM size for User in (
)
Memory Expansion
M38867M8A-XXXHP
M38867E8A-XXXHP
M38867E8AHP
M38867E8AFS
M38869M8A-XXXHP
M38869M8A-XXXGP
M38869MCA-XXXHP
M38869MCA-XXXGP
M38869MFA-XXXHP
M38869MFA-XXXGP
M38869FFAHP
M38869FFAGP
1024
2048
80P6Q-A
80D0
80P6Q-A
80P6S-A
80P6Q-A
80P6S-A
80P6Q-A
80P6S-A
80P6Q-A
80P6S-A
Mask ROM version
One Time PROM version
One Time PROM version (blank)
EPROM version
Mask ROM version
Flash memory version
GROUP EXPANSION
M38867E8A/M8A
48K
ROM size (bytes)
32K
28K
24K
20K
16K
12K
8K
3845126401408
768
896
10241152
1280
1536
20483072
4032
60K
ROM
external
RAM size (bytes)
: Mass production
M38869FFA/MFA
M38869MCA
M38869M8A/MCA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com