Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 4 Page - Renesas Technology Corp

  3886 Datasheet HTML 1Page - Renesas Technology Corp 3886 Datasheet HTML 2Page - Renesas Technology Corp 3886 Datasheet HTML 3Page - Renesas Technology Corp 3886 Datasheet HTML 4Page - Renesas Technology Corp 3886 Datasheet HTML 5Page - Renesas Technology Corp 3886 Datasheet HTML 6Page - Renesas Technology Corp 3886 Datasheet HTML 7Page - Renesas Technology Corp 3886 Datasheet HTML 8Page - Renesas Technology Corp 3886 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 380 page
background image
Rev.
Rev.
No.
date
1.0
First Edition
990215
2.0
•Explanations of “1. Organization” of “BEFORE USING THIS MANUAL” are partly revised.
000922
•Page 1-2; Explanations of “qPower dissipation” of “FEATURES” are partly eliminated.
•Page 1-2; Explanations of “qMemory expansion possible” of “FEATURES” are partly revised.
•Page 1-2; Value of “qProgram/Erase voltage” of “<Flash memory mode>” is revised.
•Page 1-2; “Operating temperature range” of “<Flash memory mode>” is added.
•Page 1-2; Explanations of “sNotes” are partly revised.
•Page 1-2; Explanations of “APPLICATION” are partly added.
•Page 1-3; Product name and note into Figure 1 are partly added.
•Page 1-3; Note into Figure 2 is added.
•Page 1-4; Figure 3 is added.
•Page 1-5; Figure 4 is partly revised.
•Page 1-8; Figure 5 is partly revised.
•Page 1-9; Explanations of “Packages” are partly added.
•Page 1-9; Figure 6 is partly revised.
•Page 1-9; Table 3 is partly added.
•Page 1-13; Figure 9 is partly revised.
•Page 1-14; Notes into Figure 10 are partly revised.
•Page 1-16; “Related SFRs” of “P42/INT0/OBF00, P43/INT1/OBF01” into Table 6 are partly
added.
••Page 1-42; “[Port Control Register 2 (PCTL2)]” are added.
•Page 1-46; Explanations of “Bit 5” of “[I2c Clock Control Register (S2)]” are partly revised.
•Page 1-48; Bit name of bit 4 of “[I2c Status Register (S1)]” is revised.
•Page 1-49; Bit name of bit 4 into Figure 41 is revised.
•Page 1-54; Explanations of “(3) RESTART condition generating procedure” are partly revised.
•Page 1-54; “(6) STOP condition input at 7th clock pulse” is added.
•Page 1-54; “(7) ES0 bit switch” is added.
•Page 1-55; Figure 50 is partly revised.
REVISION DESCRIPTION LIST
3886 GROUP USER’S MANUAL
(1/6)
Revision Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com