Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 18Page - Renesas Technology Corp 3886 Datasheet HTML 19Page - Renesas Technology Corp 3886 Datasheet HTML 20Page - Renesas Technology Corp 3886 Datasheet HTML 21Page - Renesas Technology Corp 3886 Datasheet HTML 22Page - Renesas Technology Corp 3886 Datasheet HTML 23Page - Renesas Technology Corp 3886 Datasheet HTML 24Page - Renesas Technology Corp 3886 Datasheet HTML 25Page - Renesas Technology Corp 3886 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 380 page
background image
xi
3886 Group User’s Manual
List of figures
Fig. 3.1.7 Timing diagram of multi-master I2C-BUS ................................................................ 3-17
Fig. 3.2.1 Power source current characteristic examples (in high-speed mode, A-D conversion
and comparator operating) ........................................................................................ 3-18
Fig. 3.2.2 Power source current characteristic examples (in high-speed mode) ................ 3-18
Fig. 3.2.3 Power source current characteristic examples (in high-speed mode, WAIT execution) . 3-19
Fig. 3.2.4 Power source current characteristic examples (in middle-speed mode) ............ 3-19
Fig. 3.2.5 Power source current characteristic examples (in middle-speed mode, WAIT execution) . 3-20
Fig. 3.2.6 Power source current characteristic examples (in low-speed mode) ................. 3-20
Fig. 3.2.7 Power source current characteristic examples (at reset) ..................................... 3-21
Fig. 3.2.8 Standard characteristic examples of CMOS output port at P-channel drive (Ta=25 °C) .. 3-22
Fig. 3.2.9 Standard characteristic examples of CMOS output port at P-channel drive (Ta=90 °C) ... 3-22
Fig. 3.2.10 Standard characteristic examples of CMOS output port at N-channel drive (Ta=25 °C) ... 3-23
Fig. 3.2.11 Standard characteristic examples of CMOS output port at N-channel drive (Ta=90 °C) .. 3-23
Fig. 3.2.12 Standard characteristic examples of CMOS large current output port at N-channel
drive (Ta=25 °C) ...................................................................................................... 3-24
Fig. 3.2.13 Standard characteristic examples of CMOS large current output port at N-channel
drive (Ta=90 °C) ...................................................................................................... 3-24
Fig. 3.2.14 Standard characteristic examples of CMOS input port at pull-up (Ta=25 °C) .. 3-25
Fig. 3.2.15 Standard characteristic examples of CMOS input port at pull-up (Ta=90 °C) .. 3-25
Fig. 3.2.16 A-D conversion standard characteristics ............................................................... 3-26
Fig. 3.2.17 D-A conversion standard characteristics ............................................................... 3-27
Fig. 3.3.1 Sequence of switch the detection edge .................................................................. 3-30
Fig. 3.3.2 Sequence of check of interrupt request bit ............................................................ 3-30
Fig. 3.3.3 Sequence of changing relevant register ................................................................. 3-31
Fig. 3.3.4 Sequence of setting serial I/O1 control register again ......................................... 3-33
Fig. 3.3.5 PWM0 output ............................................................................................................... 3-37
Fig. 3.3.6 Ceramic resonator circuit .......................................................................................... 3-39
Fig. 3.3.7 Initialization of processor status register ................................................................ 3-40
Fig. 3.3.8 Sequence of PLP instruction execution .................................................................. 3-40
Fig. 3.3.9 Stack memory contents after PHP instruction execution ..................................... 3-40
Fig. 3.3.10 Interrupt routine ........................................................................................................ 3-41
Fig. 3.3.11 Status flag at decimal calculations ........................................................................ 3-41
Fig. 3.3.12 Programming and testing of One Time PROM version ...................................... 3-42
Fig. 3.4.1 Wiring for the RESET pin ......................................................................................... 3-44
Fig. 3.4.2 Wiring for clock I/O pins ........................................................................................... 3-44
Fig. 3.4.3 Wiring for CNVss pin ................................................................................................. 3-45
Fig. 3.4.4 Wiring for the VPP pin of the One Time PROM version and the EPROM version ... 3-45
Fig. 3.4.5 Bypass capacitor across the Vss line and the Vcc line ....................................... 3-46
Fig. 3.4.6 Analog signal line and a resistor and a capacitor ................................................ 3-46
Fig. 3.4.7 Wiring for a large current signal line ...................................................................... 3-47
Fig. 3.4.8 Wiring of RESET pin ................................................................................................. 3-47
Fig. 3.4.9 Vss pattern on the underside of an oscillator ....................................................... 3-48
Fig. 3.4.10 Setup for I/O ports ................................................................................................... 3-48
Fig. 3.4.11 Watchdog timer by software ................................................................................... 3-49
Fig. 3.5.1 Structure of Port Pi .................................................................................................... 3-50
Fig. 3.5.2 Structure of Port Pi direction register ..................................................................... 3-50
Fig. 3.5.3 Structure of I2C data shift register ........................................................................... 3-51
Fig. 3.5.4 Structure of I2C address register ............................................................................. 3-51
Fig. 3.5.5 Structure of I2C status register ................................................................................. 3-52
Fig. 3.5.6 Structure of I2C control register ............................................................................... 3-53
Fig. 3.5.7 Structure of I2C clock control register ..................................................................... 3-54
Fig. 3.5.8 Structure of I2C START/STOP condition control register ..................................... 3-55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com