Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 66Page - Renesas Technology Corp 3886 Datasheet HTML 67Page - Renesas Technology Corp 3886 Datasheet HTML 68Page - Renesas Technology Corp 3886 Datasheet HTML 69Page - Renesas Technology Corp 3886 Datasheet HTML 70Page - Renesas Technology Corp 3886 Datasheet HTML 71Page - Renesas Technology Corp 3886 Datasheet HTML 72Page - Renesas Technology Corp 3886 Datasheet HTML 73Page - Renesas Technology Corp 3886 Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 380 page
background image
1-45
3886 Group User’s Manual
HARDWARE
[I2C Data Shift Register (S0)] 001216
The I2C data shift register (S0 : address 001216) is an 8-bit shift
register to store receive data and write transmit data.
When transmit data is written into this register, it is transferred to
the outside from bit 7 in synchronization with the SCL clock, and
each time one-bit data is output, the data of this register are
shifted by one bit to the left. When data is received, it is input to
this register from bit 0 in synchronization with the SCL clock, and
each time one-bit data is input, the data of this register are shifted
by one bit to the left. The minimum 2 cycles of
φ are required from
the rising of the SCL clock until input to this register.
The I2C data shift register is in a write enable status only when the
I2C-BUS interface enable bit (ES0 bit : bit 3 of address 1516) of the
I2C control register is “1.” The bit counter is reset by a write in-
struction to the I2C data shift register. When both the ES0 bit and
the MST bit of the I2C status register (address 001416) are “1,” the
SCL is output by a write instruction to the I2C data shift register.
Reading data from the I2C data shift register is always enabled re-
gardless of the ES0 bit value.
[I2C Address Register (S0D)] 001316
The I2C address register (address 001316) consists of a 7-bit slave
address and a read/write bit. In the addressing mode, the slave ad-
dress written in this register is compared with the address data to be
received immediately after the START condition is detected.
•Bit 0: Read/write bit (RWB)
This is not used in the 7-bit addressing mode. In the 10-bit ad-
dressing mode, the first address data to be received is compared
with the contents (SAD6 to SAD0 + RWB) of the I2C address reg-
ister.
The RWB bit is cleared to “0” automatically when the stop condi-
tion is detected.
•Bits 1 to 7: Slave address (SAD0–SAD6)
These bits store slave addresses. Regardless of the 7-bit address-
ing mode and the 10-bit addressing mode, the address data
transmitted from the master is compared with the contents of
these bits.
Fig. 38 Structure of I2C address register
FUNCTIONAL DESCRIPTION
SAD6 SAD5 SAD4 SAD3 SAD2 SAD1SAD0RWB
Slave address
I2C address register
(S0D: address 001316)
Read/write bit
b7b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com