Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 81Page - Renesas Technology Corp 3886 Datasheet HTML 82Page - Renesas Technology Corp 3886 Datasheet HTML 83Page - Renesas Technology Corp 3886 Datasheet HTML 84Page - Renesas Technology Corp 3886 Datasheet HTML 85Page - Renesas Technology Corp 3886 Datasheet HTML 86Page - Renesas Technology Corp 3886 Datasheet HTML 87Page - Renesas Technology Corp 3886 Datasheet HTML 88Page - Renesas Technology Corp 3886 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 380 page
background image
HARDWARE
1-60
3886 Group User’s Manual
RESET CIRCUIT
To reset the microcomputer, RESET pin should be held at an "L"
level for 16 cycles or more of XIN. Then the RESET pin is returned
to an "H" level (the power source voltage should be between 2.7 V
and 5.5 V (4.0 V to 5.5 V for flash memory version), and the oscil-
lation should be stable), reset is released. After the reset is
completed, the program starts from the address contained in ad-
dress FFFD16 (high-order byte) and address FFFC16 (low-order
byte). Make sure that the reset input voltage is less than 0.54 V for
VCC of 2.7 V. For flash memory version, make sure that the reset
input voltage is less than 0.8 V for Vcc of 4.0 V.
Fig. 58 Reset sequence
Fig. 57 Reset circuit example
FUNCTIONAL DESCRIPTION
(Note)
0.2VCC
0V
0V
Poweron
VCC
RESET
VCC
RESET
Power source
voltage detection
circuit
Power source
voltage
Reset input
voltage
Note : Reset release voltage ; Vcc=2.7 V
(Vcc = 4.0 V for flash memory version)
RESET
Internal
reset
Data
φ
Address
SYNC
XIN: 10.5 to 18.5 clock cycles
XIN
?
?
?
?
?
FFFCFFFD
ADH,L
?
?
?
?
?
ADL
ADH
1: The frequency relation of f(XIN) and f(
φ) is f(XIN)=8 • f(φ).
2: The question marks (?) indicate an undefined state that depends on the previous state.
Reset address from the vector table.
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com