Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 72Page - Renesas Technology Corp 3886 Datasheet HTML 73Page - Renesas Technology Corp 3886 Datasheet HTML 74Page - Renesas Technology Corp 3886 Datasheet HTML 75Page - Renesas Technology Corp 3886 Datasheet HTML 76Page - Renesas Technology Corp 3886 Datasheet HTML 77Page - Renesas Technology Corp 3886 Datasheet HTML 78Page - Renesas Technology Corp 3886 Datasheet HTML 79Page - Renesas Technology Corp 3886 Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 380 page
background image
1-51
3886 Group User’s Manual
HARDWARE
[I2C START/STOP Condition Control Register
(S2D)] 001716
The I2C START/STOP condition control register (address 001716)
controls START/STOP condition detection.
•Bits 0 to 4: START/STOP condition set bit (SSC4–SSC0)
SCL release time, setup time, and hold time change the detection
condition by value of the main clock divide ratio selection bit and
the oscillation frequency f(XIN) because these time are measured
by the internal system clock. Accordingly, set the proper value to
the START/STOP condition set bits (SSC4 to SSC0) in considered
of the system clock frequency. Refer to Table 16.
Do not set “000002” or an odd number to the START/STOP condi-
tion set bit (SSC4 to SSC0).
•Bit 5: SCL/SDA interrupt pin polarity selection bit (SIP)
An interrupt can occur when detecting the falling or rising edge of
the SCL or SDA pin. This bit selects the polarity of the SCL or SDA
pin interrupt pin.
•Bit 6: SCL/SDA interrupt pin selection bit (SIS)
This bit selects the pin of which interrupt becomes valid between
the SCL pin and the SDA pin.
Note: When changing the setting of the SCL/SDA interrupt pin polarity se-
lection bit, the SCL/SDA interrupt pin selection bit, or the I2C-BUS
interface enable bit ES0, the SCL/SDA interrupt request bit may be
set. When selecting the SCL/SDA interrupt source, disable the inter-
rupt before the SCL/SDA interrupt pin polarity selection bit, the SCL/
SDA interrupt pin selection bit, or the I2C-BUS interface enable bit
ES0 is set. Reset the request bit to “0” after setting these bits, and
enable the interrupt.
•Bit 7: START/STOP condition generating selection bit
(STSPSEL)
Setup/Hold time when the START/STOP condition is generated
can be selected.
Cycle number of system clock becomes standard for setup/hold
time. Additionally, setup/hold time is different between the START
condition and the STP condition. (Refer to Tables 13 and 14.) Set
“1” to this bit when the system clock frequency is 4 MHz or more.
Address Data Communication
There are two address data communication formats, namely, 7-bit
addressing format and 10-bit addressing format. The respective
address communication formats are described below.
➀ 7-bit addressing format
To adapt the 7-bit addressing format, set the 10BIT SAD bit of
the I2C control register (address 001516) to “0.” The first 7-bit
address data transmitted from the master is compared with the
high-order 7-bit slave address stored in the I2C address register
(address 001316). At the time of this comparison, address com-
parison of the RWB bit of the I2C address register (address
001316) is not performed. For the data transmission format
when the 7-bit addressing format is selected, refer to Figure 48,
(1) and (2).
➁ 10-bit addressing format
To adapt the 10-bit addressing format, set the 10BIT SAD bit of
the I2C control register (address 001516) to “1.” An address
comparison is performed between the first-byte address data
transmitted from the master and the 8-bit slave address stored
in the I2C address register (address 001316). At the time of this
comparison, an address comparison between the RWB bit of
the I2C address register (address 001316) and the R/W bit
which is the last bit of the address data transmitted from the
master is made. In the 10-bit addressing mode, the RWB bit
which is the last bit of the address data not only specifies the
direction of communication for control data, but also is pro-
cessed as an address data bit.
When the first-byte address data agree with the slave address,
the AAS bit of the I2C status register (address 001416) is set to
“1.” After the second-byte address data is stored into the I2C
data shift register (address 001216), perform an address com-
parison between the second-byte data and the slave address
by software. When the address data of the 2 bytes agree with
the slave address, set the RWB bit of the I2C address register
(address 001316) to “1” by software. This processing can make
the 7-bit slave address and R/W data agree, which are re-
ceived after a RESTART condition is detected, with the value of
the I2C address register (address 001316). For the data trans-
mission format when the 10-bit addressing format is selected,
refer to Figure 48, (3) and (4).
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com