Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 78Page - Renesas Technology Corp 3886 Datasheet HTML 79Page - Renesas Technology Corp 3886 Datasheet HTML 80Page - Renesas Technology Corp 3886 Datasheet HTML 81Page - Renesas Technology Corp 3886 Datasheet HTML 82Page - Renesas Technology Corp 3886 Datasheet HTML 83Page - Renesas Technology Corp 3886 Datasheet HTML 84Page - Renesas Technology Corp 3886 Datasheet HTML 85Page - Renesas Technology Corp 3886 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 380 page
background image
1-57
3886 Group User’s Manual
HARDWARE
D-A CONVERTER
The 3886 group has two internal D-A converters (DA1 and DA2)
with 8-bit resolution.
The D-A converter is performed by setting the value in each D-A
conversion register. The result of D-A conversion is output from
the DA1 or DA2 pin by setting the DA output enable bit to “1”.
When using the D-A converter, the corresponding port direction
register bit (P56/DA1/PWM01 or P57/DA2/PWM11) must be set to
“0” (input status).
The output analog voltage V is determined by the value n (decimal
notation) in the D-A conversion register as follows:
V = VREF ✕ n/256 (n = 0 to 255)
Where VREF is the reference voltage.
At reset, the D-A conversion registers are cleared to “0016”, the
DA output enable bits are cleared to “0”, and the P56/DA1/PWM01
and P57/DA2/PWM11 pins become high impedance.
The DA output does not have buffers. Accordingly, connect an ex-
ternal buffer when driving a low-impedance load.
Set VCC to 4.0 V or more when using the D-A converter.
Fig. 52 Block diagram of D-A converter
Fig. 53 Equivalent connection circuit of D-A converter (DA1)
FUNCTIONAL DESCRIPTION
P56/DA1/PWM01
D-A1 conversion register (8)
R-2R resistor ladder
DA1 output enable bit
P57/DA2/PWM11
D-A2 conversion register (8)
R-2R resistor ladder
DA2 output enable bit
AVSS
VREF
“0”
“1”
MSB
“0”
“1”
R
2R
R
2R
R
2R
R
2R
R
2R
R
2R
R
2R
2R
LSB
2R
P56/DA1/PWM01
D-A1 conversion register
DA1 output enable bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com