Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 4Page - Renesas Technology Corp 3886 Datasheet HTML 5Page - Renesas Technology Corp 3886 Datasheet HTML 6Page - Renesas Technology Corp 3886 Datasheet HTML 7Page - Renesas Technology Corp 3886 Datasheet HTML 8Page - Renesas Technology Corp 3886 Datasheet HTML 9Page - Renesas Technology Corp 3886 Datasheet HTML 10Page - Renesas Technology Corp 3886 Datasheet HTML 11Page - Renesas Technology Corp 3886 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 380 page
background image
Rev.
Rev.
No.
date
2.0
For the mask ROM confirmation form, the ROM programming confirmation form, and the
000922
mark specifications, refer to the “Mitsubishi MCU Technical Information” Homepage.
*Data required for ROM orders
(mask ROM confirmation forms, ROM programming confirmation forms)
http://www.infomicom.mesc.co.jp/38000/38ordere.htm
*Mark specification forms
http://www.infomicom.mesc.co.jp/mela/markform.htm
•Page 3-8; Limit of tw(RESET) into Table 3.1.11 is revised.
•Page 3-9; Limit of tw(RESET) into Table 3.1.12 is revised.
•Page 3-18; Figure 3.2.1 is partly revised.
•Page 3-18; Figure 3.2.2 is revised.
•Page 3-19; Figure 3.2.3 is revised.
•Page 3-19; Figure 3.2.4 is revised.
•Page 3-20; Figure 3.2.5 is revised.
•Page 3-20; Figure 3.2.6 is revised.
•Page 3-21; Figure 3.2.7 is revised.
•Page 3-24; Figure 3.2.12 is partly revised.
•Page 3-28; Explanations of “sReason” of “(1) Notes in stand-by state” of “3.3.1 Notes on input
and output pins” are partly added.
•Page 3-29; Explanations of “➁Input ports” of “(1) Terminate unused pins” of “3.3.2 Termination
of unused pins” is partly revised.
•Page 3-29; Explanations of “zI/O ports” of “(1) Terminate unused pins” of “3.3.2 Termination
of unused pins” is partly revised.
•Page 3-30; Sub clause of “Setting of interrupt request bit and interrupt enable bit” in Rev. 1.0 is
eliminated.
•Page 3-31; “(3) Change of relevant register setting” of “3.3.3 Notes on interrupts” is added.
•Page 3-34; Explanations of “(5) Data transmission control with referring to transmit shift
register completion flag” are partly added.
REVISION DESCRIPTION LIST
3886 GROUP USER’S MANUAL
(5/6)
Revision Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com