Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 75Page - Renesas Technology Corp 3886 Datasheet HTML 76Page - Renesas Technology Corp 3886 Datasheet HTML 77Page - Renesas Technology Corp 3886 Datasheet HTML 78Page - Renesas Technology Corp 3886 Datasheet HTML 79Page - Renesas Technology Corp 3886 Datasheet HTML 80Page - Renesas Technology Corp 3886 Datasheet HTML 81Page - Renesas Technology Corp 3886 Datasheet HTML 82Page - Renesas Technology Corp 3886 Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 380 page
background image
HARDWARE
1-54
3886 Group User’s Manual
(2) START condition generating procedure using multi-master
1. Procedure example (The necessary conditions of the generat-
ing procedure are described in Items 2 to 5 below.
LDA —
(Taking out of slave address value)
SEI
(Interrupt disabled)
BBS 5, S1, BUSBUSY (BB flag confirming and branch process)
BUSFREE:
STA S0
(Writing of slave address value)
LDM #$F0, S1
(Trigger of START condition generating)
CLI
(Interrupt enabled)
BUSBUSY:
CLI
(Interrupt enabled)
2. Use “Branch on Bit Set” of “BBS 5, $0014, –” for the BB flag
confirming and branch process.
3. Use “STA $12, STX $12” or “STY $12” of the zero page ad-
dressing instruction for writing the slave address value to the
I2C data shift register.
4. Execute the branch instruction of Item 2 and the store instruc-
tion of Item 3 continuously, as shown in the procedure example
above.
5. Disable interrupts during the following three process steps:
• BB flag confirming
• Writing of slave address value
• Trigger of START condition generating
When the condition of the BB flag is bus busy, enable interrupts
immediately.
(3) RESTART condition generating procedure
This procedure cannot be applied to M38867M8A and
M38867E8A when the external memory is used and the bus cycle
is extended by ONW function.
1. Procedure example (The necessary conditions for the proce-
dure are described in items 2 to 4 below.)
Execute the following procedure when the PIN bit is “0.”
LDM #$00, S1
(Select slave receive mode)
LDA —
(Take out of slave address value)
SEI
(Disable interrupt)
STA S0
(Write slave address value)
LDM #$F0, S1
(Trigger RESTART condition generation)
CLI
(Enable interrupt)
2. Select the slave receive mode when the PIN bit is “0.” Do not
write “1” to the PIN bit. Neither “0” nor “1” is specified as input to
the BB bit.
The TRX bit becomes “0” and the SDA pin is released.
3. The SCL pin is released by writing the slave address value to
the I2C data shift register.
4. Disable interrupts during the following two process steps:
• Write slave address value
• Trigger RESTART condition generation
(4) Writing to I2C status register
Do not execute an instruction to set the PIN bit to “1” from “0” and
an instruction to set the MST and TRX bits to “0” from “1” simulta-
neously. Because it may enter the state that the SCL pin is
released and the SDA pin is released after about one machine
cycle. Do not execute an instruction to set the MST and TRX bits
to “0” from “1” simultaneously when the PIN bit is “1.” Because it
may become the same as above.
(5) Process of after STOP condition generating
Do not write data in the I2C data shift register S0 and the I2C sta-
tus register S1 until the bus busy flag BB becomes “0” after
generating the STOP condition in the master mode. Because the
STOP condition waveform might not be normally generated.
Reading to the above registers do not have the problem.
(6) STOP condition input at 7th clock pulse
The SDA line may be held at LOW even if flag BB is set to “0”
when all the following conditions are satisfied:
•In the slave mode
•The STOP condition is input at the 7th clock pulse while receiving
a slave address or data.
•The clock pulse is continuously input.
Countermeasure:
Write dummy data to the I2C shift register or reset the ES0 bit in
the S1D register (ES0 = “L”
→ ES0 = “H”) during a stop condition
interrupt routine with flag PIN = “1”.
Note: Do not use the read-modify-write instruction at this time.
Furthermore, when the ES0 bit is set to “0”, the SDA pin be-
comes a general-purpose port; the port must be set to input
mode or output “H”.
(7) ES0 bit switch
In standard clock mode when SSC = “000102” or in high-speed
clock mode, flag BB may switch to “1” if ES0 bit is set to “1” when
SDA is “L”.
Countermeasure:
Set ES0 to “1” when SDA is “H”.
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com