Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 61Page - Renesas Technology Corp 3886 Datasheet HTML 62Page - Renesas Technology Corp 3886 Datasheet HTML 63Page - Renesas Technology Corp 3886 Datasheet HTML 64Page - Renesas Technology Corp 3886 Datasheet HTML 65Page - Renesas Technology Corp 3886 Datasheet HTML 66Page - Renesas Technology Corp 3886 Datasheet HTML 67Page - Renesas Technology Corp 3886 Datasheet HTML 68Page - Renesas Technology Corp 3886 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 380 page
background image
HARDWARE
1-40
3886 Group User’s Manual
Fig. 35 Structure of bus interface related register
FUNCTIONAL DESCRIPTION
Data bus buffer control register
b0
b7
Data bus buffer enable bit
0 : P50–P53, P8 I/O port
1 : Data bus buffer enabled
Data bus buffer function selection bit
0 : Single data bus buffer mode (P47 functions as I/O port.)
1 : Double data bus buffer mode (P47 functions S1 input.)
OBF0 output selection bit
0 : OBF00 valid
1 : OBF01 valid
OBF00 output enable bit
0 : P42 functions as port I/O pin.
1 : P42 functions as OBF00 output pin.
OBF01 output enable bit
0 : P43 functions as port I/O pin.
1 : P43 functions as OBF01 output pin.
OBF10 output enable bit
0 : P46 functions as port I/O pin.
1 : P46 functions as OBF10 output pin.
Input level selection bit
0 : CMOS level input
1 : TTL level input
Reserved
Do not write “1” to this bit.
Data bus buffer status register 1
Output buffer full flag 1 (OBF1)
Input buffer full flag 1 (IBF1)
User definable flag (U12)
A01 flag (A01)
User definable flag (U14–U17)
This flag can be defined by user freely.
This flag can be defined by user freely.
This flag indicates the condition of A01 status
when the IBF1 flag is set.
0 : Buffer empty
1 : Buffer full
0 : Buffer empty
1 : Buffer full
Data bus buffer status register 0
Output buffer full flag 0 (OBF0)
Input buffer full flag 0 (IBF0)
User definable flag (U02)
A00 flag (A00)
This flag can be defined by user freely.
This flag can be defined by user freely.
This flag indicates the condition of A00 status
when the IBF0 flag is set.
0 : Buffer empty
1 : Buffer full
0 : Buffer empty
1 : Buffer full
b0
b7
b0
b7
(DBBCON : address 002A16)
(DBBSTS0 : address 002916)
User definable flag (U04–U07)
(DBBSTS1 : address 002C16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com