Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 48Page - Renesas Technology Corp 3886 Datasheet HTML 49Page - Renesas Technology Corp 3886 Datasheet HTML 50Page - Renesas Technology Corp 3886 Datasheet HTML 51Page - Renesas Technology Corp 3886 Datasheet HTML 52Page - Renesas Technology Corp 3886 Datasheet HTML 53Page - Renesas Technology Corp 3886 Datasheet HTML 54Page - Renesas Technology Corp 3886 Datasheet HTML 55Page - Renesas Technology Corp 3886 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 380 page
background image
1-27
3886 Group User’s Manual
HARDWARE
Key Input Interrupt (Key-on Wake Up)
A Key input interrupt request is generated by applying “L” level to
any pin of port P3 that have been set to input mode. In other
words, it is generated when AND of input level goes from “1” to
“0”. An example of using a key input interrupt is shown in Figure
20, where an interrupt request is generated by pressing one of the
keys consisted as an active-low key matrix which inputs to ports
P30–P33.
Fig. 20 Connection example when using key input interrupt and port P3 block diagram
FUNCTIONAL DESCRIPTION
✻
✻✻
✻
✻✻
✻
✻✻
✻
✻✻
✻
✻✻
✻
✻✻
✻
✻✻
✻
✻✻
Port P30
latch
Port P30
direction register = “0”
Port P31
latch
Port P31
direction register = “0”
Port P32
latch
Port P32
direction register = “0”
Port P33
latch
Port P33
direction register = “0”
Port P34
latch
Port P34
direction register = “1”
Port P35
latch
Port P35
direction register = “1”
Port P36
latch
Port P36
direction register = “1”
Port P37
latch
Port P37
direction register = “1”
P30 input
P31 input
P32 input
P33 input
P34 output
P35 output
P36 output
P37 output
Port control register 1
Bit 5 = “1”
Port P3
Input reading circuit
Comparator circuit
Port PXx
“L” level output
✻ P-channel transistor for pull-up
✻✻ CMOS output buffer
Key input interrupt request
Port control register 1
Bit 4 = “1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com