Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 38Page - Renesas Technology Corp 3886 Datasheet HTML 39Page - Renesas Technology Corp 3886 Datasheet HTML 40Page - Renesas Technology Corp 3886 Datasheet HTML 41Page - Renesas Technology Corp 3886 Datasheet HTML 42Page - Renesas Technology Corp 3886 Datasheet HTML 43Page - Renesas Technology Corp 3886 Datasheet HTML 44Page - Renesas Technology Corp 3886 Datasheet HTML 45Page - Renesas Technology Corp 3886 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 380 page
background image
1-17
3886 Group User’s Manual
HARDWARE
Notes1: For details of the functions of ports P0 to P3 in modes other than single-chip mode, and how to use double-function ports as function I/O ports, refer
to the applicable sections.
2: Make sure that the input level at each pin is either 0 V or VCC during execution of the STP instruction.
When an input level is at an intermediate potential, a current will flow from VCC to VSS through the input-stage gate.
Pin
Name
Input/Output
I/O Format
Non-Port Function
Ref.No.
Table 7 I/O port function (2)
Related SFRs
P50/A0
P51/INT20
/S0
P52/INT30
/R
P53/INT40
/W
P54/CNTR0
P55/CNTR1
P56/DA1/
PWM01
P57/DA2/
PWM11
P60/AN0–
P67/AN7
P70/SIN2
P71/SOUT2
P72/SCLK2
P73/SRDY2/
INT21
P74/INT31
P75/INT41
P76/SDA
P77/SCL
P80/DQ0–
P87/DQ7
Port P5
Port P6
Port P7
Port P8
Input/output,
individual bits
CMOS compatible
input level
CMOS 3-state output
(when selecting bus
interface function)
CMOS compatible
input level or TTL
input level
CMOS compatible
input level
CMOS 3-state output
CMOS compatible
input level or TTL
input level
N-channel open-drain
output
CMOS compatible
input level
N-channel open-drain
output
(when selecting I2C-
BUS interface
function)
CMOS compatible
input level or SMBUS
input level
CMOS compatible
input level
CMOS 3-state output
(when selecting bus
interface function)
CMOS compatible
input level or TTL
input level
Bus interface function
input
External interrupt input
Bus interface function
input
Timer X, timer Y func-
tion I/O
D-A converter output
PWM output
A-D converter input
Serial I/O2 function I/O
Serial I/O2 function out-
put
Bus interface function
input
External interrupt input
I2C-BUS interface func-
tion I/O
Bus interface function
I/O
Data bus buffer control
register
Interrupt edge selection
register
Data bus buffer control
register
Timer XY mode register
AD/DA control register
UART control register
AD/DA control register
Serial I/O2 control
register
Port control register 2
Serial I/O2 control
register
Port control register 2
Interrupt edge selection
register
Port control register 2
I2C control register
Data bus buffer control
register
(15)
(16)
(17)
(18)
(19)
(20)
(21)
(22)
(23)
(24)
(25)
(26)
(27)
(28)
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com