Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 5 Page - Renesas Technology Corp

  3886 Datasheet HTML 1Page - Renesas Technology Corp 3886 Datasheet HTML 2Page - Renesas Technology Corp 3886 Datasheet HTML 3Page - Renesas Technology Corp 3886 Datasheet HTML 4Page - Renesas Technology Corp 3886 Datasheet HTML 5Page - Renesas Technology Corp 3886 Datasheet HTML 6Page - Renesas Technology Corp 3886 Datasheet HTML 7Page - Renesas Technology Corp 3886 Datasheet HTML 8Page - Renesas Technology Corp 3886 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 380 page
background image
Rev.
Rev.
No.
date
2.0
•Page 1-55; Figure 50 is partly revised.
000922
•Page 1-60; Explanations of “RESET CIRCUIT” are partly revised.
•Page 1-60; Explanations of note into Figure 57 are added.
•Page 1-63; Note 2 into Figure 62 is added.
•Page 1-64; Figure 63 is partly revised.
•Page 1-65; Explanations of “PROCESSOR MODE” are partly revised.
•Page 1-65; Explanations of “(2) Memory expansion mode” are partly added.
•Page 1-65; Explanations of “(3) Microprocessor mode” are partly revised.
•Page 1-65; Explanations into Figure 64 are partly eliminated.
•Page 1-65; Note into Figure 65 is partly revised.
•Page 1-66; Explanations of “BUS CONTROL AT MEMORY EXPANSION” are partly revised.
•Page 1-69; Explanations of CNVss into Table 22 are partly revised.
•Page 1-70; Figure 68 is partly revised.
•Page 1-78; Figure 74 is partly revised.
•Page 1-79; Explanations of CNVss into Table 27 are partly revised.
•Page 1-83; Note is added.
•Page 1-85; Explanations of “Functional Outline” of “(3) Flash memory mode 3 (CPU reprogram
-ming mode)” are partly added.
•Page 1-85; Note into Figure 81 is partly eliminated.
•Page 1-86; Explanations of “<Beginning procedure>” of “qCPU reprogramming mode operation
procedure” are partly eliminated.
•Page 1-86; Figure 83 is partly revised.
•Page 1-89; Explanations of “A-D Converter” of “NOTES ON PROGRAMMING” are partly
eliminated.
•Page 1-90; Explanations of “Handling of Power Source Pins” of “NOTES ON USAGE” are
partly revised.
•Page 1-90; “Erasing of Flash memory version” is added.
REVISION DESCRIPTION LIST
3886 GROUP USER’S MANUAL
(2/6)
Revision Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com