Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 58Page - Renesas Technology Corp 3886 Datasheet HTML 59Page - Renesas Technology Corp 3886 Datasheet HTML 60Page - Renesas Technology Corp 3886 Datasheet HTML 61Page - Renesas Technology Corp 3886 Datasheet HTML 62Page - Renesas Technology Corp 3886 Datasheet HTML 63Page - Renesas Technology Corp 3886 Datasheet HTML 64Page - Renesas Technology Corp 3886 Datasheet HTML 65Page - Renesas Technology Corp 3886 Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 380 page
background image
1-37
3886 Group User’s Manual
HARDWARE
Data Setup (PWM0)
The PWM0 output pin also functions as port P30 or P56. The
PWM0 output pin is selected from either P30/PWM00 or
P56/PWM01 by bit 4 of the AD/DA control register (address
003416).
The PWM0 output becomes enabled state by setting bit 6 of the
port control register 1 (address 002E16). The high-order eight bits
of output data are set in the PWM0H register (address 003016)
and the low-order six bits are set in the PWM0L register (address
003116).
PWM1 is set as the same way.
PWM Operation
The 14-bit PWM data is divided into the low-order six bits and the
high-order eight bits in the PWM latch.
The high-order eight bits of data determine how long an “H”-level
signal is output during each sub-period. There are 64 sub-periods
in each period, and each sub-period is 256 ✕
τ (64 µs) long. The
signal is “H” for a length equal to N times
τ, where τ is the mini-
mum resolution (250 ns).
“H” or “L” of the bit in the ADD part shown in Figure 33 is added
to this “H” duration by the contents of the low-order 6-bit data ac-
cording to the rule in Table 9.
That is, only in the sub-period tm shown by Table 9 in the PWM
cycle period T = 64t, its “H” duration is lengthened to the mini-
mum resolution
τ added to the length of other periods.
For example, if the high-order eight bits of the 14-bit data are
0316 and the low-order six bits are 0516, the length of the “H”-
level output in sub-periods t8, t24, t32, t40, and t56 is 4
τ, and its
length is 3
τ in all other sub-periods.
Time at the “H” level of each sub-period almost becomes equal,
because the time becomes length set in the high-order 8 bits or
becomes the value plus
τ, and this sub-period t (= 64 µs, ap-
proximate 15.6 kHz) becomes cycle period approximately.
Transfer From Register to Latch
Data written to the PWML register is transferred to the PWM
latch at each PWM period (every 4096
µs), and data written to
the PWMH register is transferred to the PWM latch at each sub-
period (every 64
µs). The signal which is output to the PWM
output pin is corresponding to the contents of this latch. When
the PWML register is read, the latch contents are read. However,
bit 7 of the PWML register indicates whether the transfer to the
PWM latch is completed; the transfer is completed when bit 7 is
“0” and it is not done when bit 7 is “1.”
Table 9 Relationship between low-order 6 bits of data and
period set by the ADD bit
Low-order 6 bits of data (PWML)
LSB
00 00 00
00 00 01
00 00 10
00 01 00
00 10 00
01 00 00
10 00 00
Sub-periods tm Lengthened (m=0 to 63)
None
m=32
m=16, 48
m=8, 24, 40, 56
m=4, 12, 20, 28, 36, 44, 52, 60
m=2, 6, 10, 14, 18, 22, 26, 30, 34, 38, 42, 46, 50, 54, 58, 62
m=1, 3, 5, 7, ................................................ ,57, 59, 61, 63
Fig. 32 PWM timing
FUNCTIONAL DESCRIPTION
4096
µs
64
µs
64
µs
64
µs
64
µs
64
µs
m=0
m=7m=9
m=63
m=8
15.75
µs
15.75
µs
15.75
µs
16.0
µs
15.75
µs
15.75
µs
15.75
µs
Pulse width modulation register H
Pulse width modulation register L
Sub-periods where “H” pulse width is 16.0
µs :
Sub-periods where “H” pulse width is 15.75
µs :
:
00111111
:
000101
m = 8, 24, 32, 40, 56
m = all other values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com