| Electronic Components Datasheet Search |
|
3886 Datasheet(PDF) 45 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
3886 Datasheet(HTML) 45 Page - Renesas Technology Corp |
|
45 / 380 page ![]() HARDWARE 1-20 3886 Group User’s Manual Fig. 14 Port block diagram (3) FUNCTIONAL DESCRIPTION (20) Port P6 Analog input pin selection bit A-D converter input Data bus Port latch Direction register (18) Port P56 D-A converter output D-A1 output enable bit Data bus Port latch Direction register PWM01 output PWM0 output pin selection bit PWM0 enable bit (19) Port P57 D-A converter output D-A2 output enable bit Data bus Port latch Direction register PWM11 output PWM1 output pin selection bit PWM1 enable bit (17) Ports P54,P55 Port latch Data bus Pulse output mode Timer output CNTR0,CNTR1 interrupt input Direction register (21) Port P70 Serial I/O2 input Data bus Port latch Direction register ✻4 (22) Port P71 Data bus Port latch Direction register Serial IO/2 transmit completion signal Serial I/O2 port selection bit Serial I/O2 output (23) Port P72 Data bus Port latch Direction register Serial I/O2 synchronization clock selection bit Serial I/O2 port selection bit Serial I/O2 clock output Serial I/O2 external clock input ✻4. The input level can be switched between CMOS compatible input level and TTL level by the P7 input level selection bit of the port control register 2 (address 002F16). ✻5. The input level can be switched between CMOS compatible input level and TTL level by the P7 input level selection bit of the port control register 2 (address 002F16). The port P8 direction register and port P7 input register can be switched by the P8 function selection bit of the port control register 2 (24) Port P73 Data bus Port latch Direction register Serial I/O2 ready output SRDY2 output enable bit INT21 interrupt input ✻5 ✻4 ✻5 ✻4 ✻5 ✻4 ✻5 (address 002F16). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |