Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 80Page - Renesas Technology Corp 3886 Datasheet HTML 81Page - Renesas Technology Corp 3886 Datasheet HTML 82Page - Renesas Technology Corp 3886 Datasheet HTML 83Page - Renesas Technology Corp 3886 Datasheet HTML 84Page - Renesas Technology Corp 3886 Datasheet HTML 85Page - Renesas Technology Corp 3886 Datasheet HTML 86Page - Renesas Technology Corp 3886 Datasheet HTML 87Page - Renesas Technology Corp 3886 Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 380 page
background image
1-59
3886 Group User’s Manual
HARDWARE
WATCHDOG TIMER
The watchdog timer gives a mean of returning to the reset status
when a program cannot run on a normal loop (for example, be-
cause of a software run-away). The watchdog timer consists of an
8-bit watchdog timer L and an 8-bit watchdog timer H.
Standard Operation of Watchdog Timer
When any data is not written into the watchdog timer control reg-
ister (address 001E16) after resetting, the watchdog timer is in the
stop state. The watchdog timer starts to count down by writing an
optional value into the watchdog timer control register (address
001E16) and an internal reset occurs at an underflow of the watch-
dog timer H.
Accordingly, programming is usually performed so that writing to
the watchdog timer control register (address 001E16) may be
started before an underflow. When the watchdog timer control reg-
ister (address 001E16) is read, the values of the high-order 6 bits
of the watchdog timer H, STP instruction disable bit, and watch-
dog timer H count source selection bit are read.
Initial Value of Watchdog Timer
At reset or writing to the watchdog timer control register (address
001E16), each watchdog timer H and L is set to “FF16.”
Fig. 56 Structure of Watchdog timer control register
qWatchdog timer H count source selection bit operation
Bit 7 of the watchdog timer control register (address 001E16) per-
mits selecting a watchdog timer H count source. When this bit is
set to “0”, the count source becomes the underflow signal of
watchdog timer L. The detection time is set to f(XIN)=131.072 ms
at 8 MHz frequency and f(XCIN)=32.768 s at 32 kHz frequency.
When this bit is set to “1”, the count source becomes the signal
divided by 16 for f(XIN) (or f(XCIN)). The detection time in this case
is set to f(XIN)= 512
µs at 8 MHz frequency and f(XCIN)=128 ms at
32 kHz frequency. This bit is cleared to “0” after resetting.
qOperation of STP instruction disable bit
Bit 6 of the watchdog timer control register (address 001E16) per-
mits disabling the STP instruction when the watchdog timer is in
operation.
When this bit is “0”, the STP instruction is enabled.
When this bit is “1”, the STP instruction is disabled.
Once the STP instruction is executed, an internal reset occurs.
When this bit is set to “1”, it cannot be rewritten to “0” by program.
This bit is cleared to “0” after resetting.
Fig. 55 Block diagram of Watchdog timer
FUNCTIONAL DESCRIPTION
XIN
Data bus
XCIN
“10”
“00”
“01”
Main clock division
ratio selection bits
(Note)
“0”
“1”
1/16
Watchdog timer H count
source selection bit
Reset
circuit
STP instruction disable bit
Watchdog timer H (8)
“FF16” is set when
watchdog timer
control register is
written to.
Internal reset
RESET
Watchdog timer L (8)
Note: Either high-speed, middle-speed or low-speed mode is selected by bits 7 and 6 of the CPU mode register.
STP instruction
“FF16” is set when
watchdog timer
control register is
written to.
b0
STP instruction disable bit
0: STP instruction enabled
1: STP instruction disabled
Watchdog timer H count source selection bit
0: Watchdog timer L underflow
1: f(XIN)/16 or f(XCIN)/16
Watchdog timer H (for read-out of high-order 6 bit)
Watchdog timer control register
(WDTCON : address 001E16)
b7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com