Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 71Page - Renesas Technology Corp 3886 Datasheet HTML 72Page - Renesas Technology Corp 3886 Datasheet HTML 73Page - Renesas Technology Corp 3886 Datasheet HTML 74Page - Renesas Technology Corp 3886 Datasheet HTML 75Page - Renesas Technology Corp 3886 Datasheet HTML 76Page - Renesas Technology Corp 3886 Datasheet HTML 77Page - Renesas Technology Corp 3886 Datasheet HTML 78Page - Renesas Technology Corp 3886 Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 380 page
background image
HARDWARE
1-50
3886 Group User’s Manual
+ 2 cycles (3.375
µs)
+ 1 cycle < 4.0
µs (3.25 µs)
Fig. 45 START condition detecting timing diagram
START/STOP Condition Detecting Operation
The START/STOP condition detection operations are shown in
Figures 45, 46, and Table 15. The START/STOP condition is set
by the START/STOP condition set bit.
The START/STOP condition can be detected only when the input
signal of the SCL and SDA pins satisfy three conditions: SCL re-
lease time, setup time, and hold time (see Table 15).
The BB flag is set to “1” by detecting the START condition and is
reset to “0” by detecting the STOP condition.
The BB flag set/reset timing is different in the standard clock mode
and the high-speed clock mode. Refer to Table 15, the BB flag set/
reset time.
Note: When a STOP condition is detected in the slave mode (MST = 0), an
interrupt request signal “I2CIRQ” occurs to the CPU.
Table 15 START condition/STOP condition detecting conditions
Note: Unit : Cycle number of system clock
φ
SSC value is the decimal notation value of the START/STOP condi-
tion set bits SSC4 to SSC0. Do not set “0” or an odd number to SSC
value. The value in parentheses is an example when the I2C START/
STOP condition control register is set to “1816” at
φ = 4 MHz.
Fig. 46 STOP condition detecting timing diagram
SCL release time
Standard clock mode
High-speed clock mode
4 cycles (1.0
µs)
2 cycles (1.0
µs)
2 cycles (0.5
µs)
3.5 cycles (0.875
µs)
SSC value
2
SSC value
2
SSC value –1
2
Setup time
Hold time
BB flag set/
reset time
SSC value + 1 cycle (6.25
µs)
cycle < 4.0
µs (3.0 µs)
START Condition Generating Method
When writing “1” to the MST, TRX, and BB bits of the I2C status
register (address 001416) at the same time after writing the slave
address to the I2C data shift register (address 001216) with the
condition in which the ES0 bit of the I2C control register (address
001516) and the BB flag are “0”, a START condition occurs. After
that, the bit counter becomes “0002” and an SCL for 1 byte is out-
put. The START condition generating timing is different in the
standard clock mode and the high-speed clock mode. Refer to
Figure 43, the START condition generating timing diagram, and
Table 13, the START condition generating timing table.
STOP Condition Generating Method
When the ES0 bit of the I2C control register (address 001516) is
“1,” write “1” to the MST and TRX bits, and write “0” to the BB bit
of the I2C status register (address 001416) simultaneously. Then a
STOP condition occurs. The STOP condition generating timing is
different in the standard clock mode and the high-speed clock
mode. Refer to Figure 44, the STOP condition generating timing
diagram, and Table 14, the STOP condition generating timing
table.
Fig. 43 START condition generating timing diagram
Fig. 44 STOP condition generating timing diagram
Table 14 STOP condition generating timing table
Item
Setup
time
START/STOP condition
generating selection bit
“0”
“1”
“0”
“1”
Standard
clock mode
5.5
µs (22 cycles)
13.5
µs (54 cycles)
5.5
µs (22 cycles)
13.5
µs (54 cycles)
Note: Absolute time at
φ = 4 MHz. The value in parentheses denotes the
number of
φ cycles.
High-speed
clock mode
3.0
µs (12 cycles)
7.0
µs (28 cycles)
3.0
µs (12 cycles)
7.0
µs (28 cycles)
Table 13 START condition generating timing table
Item
Setup
time
START/STOP condition
generating selection bit
Standard
clock mode
Note: Absolute time at
φ = 4 MHz. The value in parentheses denotes the
number of
φ cycles.
High-speed
clock mode
“0”
“1”
“0”
“1”
5.0
µs (20 cycles)
13.0
µs (52 cycles)
5.0
µs (20 cycles)
13.0
µs (52 cycles)
2.5
µs (10 cycles)
6.5
µs (26 cycles)
2.5
µs (10 cycles)
6.5
µs (26 cycles)
Hold
time
Hold
time
FUNCTIONAL DESCRIPTION
I2C status register
write signal
Hold time
Setup
time
SCL
SDA
I2C status register
write signal
Hold time
Setup
time
SCL
SDA
Hold time
Setup
time
SCL
SDA
BB flag
SCL release time
BB flag
reset
time
Hold time
Setup
time
SCL
SDA
BB flag
SCL release time
BB flag
reset
time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com