Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 94Page - Renesas Technology Corp 3886 Datasheet HTML 95Page - Renesas Technology Corp 3886 Datasheet HTML 96Page - Renesas Technology Corp 3886 Datasheet HTML 97Page - Renesas Technology Corp 3886 Datasheet HTML 98Page - Renesas Technology Corp 3886 Datasheet HTML 99Page - Renesas Technology Corp 3886 Datasheet HTML 100Page - Renesas Technology Corp 3886 Datasheet HTML 101Page - Renesas Technology Corp 3886 Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 380 page
background image
1-73
3886 Group User’s Manual
HARDWARE
q Program command
The microcomputer enters the program mode by inputting com-
mand code “4016” in the first cycle. The command code is latched
___
into the internal command latch at the rising edge of the WE input.
When the address which indicates a program location and data is
input in the second cycle, the M38869FFAHP/GP internally
___
latches the address at the falling edge of the WE input and the
___
data at the rising edge of the WE input. The M38869FFAHP/GP
___
starts programming at the rising edge of the WE input in the sec-
ond cycle and finishes programming within 10
µs as measured by
its internal timer. Programming is performed in units of bytes.
Note: A programming operation is not completed by executing the
program command once. Always be sure to execute a pro-
gram verify command after executing the program command.
When the failure is found in this verification, the user must re-
peatedly execute the program command until the pass. Refer
to Figure 73 for the programming flowchart.
q Program verify command
The microcomputer enters the program verify mode by inputting
command code “C016” in the first cycle. This command is used to
verify the programmed data after executing the program com-
mand. The command code is latched into the internal command
___
latch at the rising edge of the WE input. When control signals are
input in the second cycle at the timing shown in Figure 71, the
M38869FFAHP/GP outputs the programmed address’s contents to
the external. Since the address is internally latched when the pro-
gram command is executed, there is no need to input it in the
second cycle.
Fig. 71 Input/output timings during programming (Verify data is output at the same timing as for read.)
FUNCTIONAL DESCRIPTION
Address
Program
Program verify
Program
address
tWC
tCS
tRRW
tWP
tWPH
tWP
tDP
tDS
4016
DIN
C016
Dout
tDS
tDH
tDH
Verify data output
tDH
tVSC
tDS
tWP
tWRR
tCS
tCS
tCH
tCH
tCH
tAS
tAH
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VPPH
VPPL
CE
OE
WE
Data
VPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com