Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 97Page - Renesas Technology Corp 3886 Datasheet HTML 98Page - Renesas Technology Corp 3886 Datasheet HTML 99Page - Renesas Technology Corp 3886 Datasheet HTML 100Page - Renesas Technology Corp 3886 Datasheet HTML 101Page - Renesas Technology Corp 3886 Datasheet HTML 102Page - Renesas Technology Corp 3886 Datasheet HTML 103Page - Renesas Technology Corp 3886 Datasheet HTML 104Page - Renesas Technology Corp 3886 Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 380 page
background image
HARDWARE
1-76
3886 Group User’s Manual
Fig. 73 Programming/Erasing algorithm flow chart
FUNCTIONAL DESCRIPTION
START
VCC = 5 V, VPP = VPPH
ADRS = first location
X = 0
WRITE PROGRAM
COMMAND
WRITE PROGRAM
DATA
DURATION = 10
µs
X = X
+ 1
WRITE PROGRAM-VERIFY
COMMAND
4016
DIN
C016
0016
DURATION = 6
µs
X = 25 ?
LAST ADRS ?
NO
INC ADRS
WRITE READ COMMAND
VPP = VPPL
DEVICE
PASSED
DEVICE
FAILED
VERIFY BYTE ?
VERIFY BYTE ?
FAIL
FAIL
Program
Erase
YES
YES
NO
PASS
PASS
START
VCC = 5 V, VPP = VPPH
ADRS = first location
X = 0
WRITE ERASE
COMMAND
PROGRAM
ALL BYTES = 0016
ALL
BYTES = 0016 ?
WRITE ERASE
COMMAND
DURATION = 9.5 ms
X = X
+ 1
WRITE ERASE-VERIFY
COMMAND
2016
2016
A016
0016
DURATION = 6
µs
X = 1000 ?
LAST ADRS ?
NO
INC ADRS
WRITE READ COMMAND
VPP = VPPL
DEVICE
PASSED
DEVICE
FAILED
VERIFY BYTE ?
VERIFY BYTE ?
FAIL
FAIL
YES
YES
NO
PASS
PASS
YES
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com