Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 100Page - Renesas Technology Corp 3886 Datasheet HTML 101Page - Renesas Technology Corp 3886 Datasheet HTML 102Page - Renesas Technology Corp 3886 Datasheet HTML 103Page - Renesas Technology Corp 3886 Datasheet HTML 104Page - Renesas Technology Corp 3886 Datasheet HTML 105Page - Renesas Technology Corp 3886 Datasheet HTML 106Page - Renesas Technology Corp 3886 Datasheet HTML 107Page - Renesas Technology Corp 3886 Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 380 page
background image
1-79
3886 Group User’s Manual
HARDWARE
Table 27 Pin description (flash memory serial I/O mode)
VCC, VSS
CNVSS
_____
RESET
XIN
XOUT
AVSS
VREF
P00–P07
P10–P17
P20–P27
P30–P36
P37
P40–P43,
P45
P44
P46
P47
P50–P57
P60–P67
P70–P77
P80–P87
Pin
Power supply
VPP input
Reset input
Clock input
Clock output
Analog supply input
Reference voltage input
Input port P0
Input port P1
Input port P2
Input port P3
Control signal input
Input port P4
SDA I/O
SCLK input
BUSY output
Input port P5
Input port P6
Input port P7
Input port P8
Name
—
Input
Input
Input
Output
—
Input
Input
Input
Input
Input
Input
Input
I/O
Input
Output
Input
Input
Input
Input
Input
/Output
Functions
Supply 5 V ± 10 % to VCC and 0 V to VSS.
Connect to 11.7 to 12.6 V.
Connect to VSS.
Connect a ceramic resonator between XIN and XOUT.
Connect to VSS.
Input an arbitrary level between the range of VSS and VCC.
Input “H” or “L”, or keep them open.
Input “H” or “L”, or keep them open.
Input “H” or “L”, or keep them open.
Input “H” or “L”, or keep them open.
__
OE input pin
Input “H” or “L” to P40 - P43, P45, or keep them open.
This pin is for serial data I/O.
This pin is for serial clock input.
This pin is for BUSY signal output.
Input “H” or “L”, or keep them open.
Input “H” or “L”, or keep them open.
Input “H” or “L”, or keep them open.
Input “H” or “L”, or keep them open.
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com