Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 104Page - Renesas Technology Corp 3886 Datasheet HTML 105Page - Renesas Technology Corp 3886 Datasheet HTML 106Page - Renesas Technology Corp 3886 Datasheet HTML 107Page - Renesas Technology Corp 3886 Datasheet HTML 108Page - Renesas Technology Corp 3886 Datasheet HTML 109Page - Renesas Technology Corp 3886 Datasheet HTML 110Page - Renesas Technology Corp 3886 Datasheet HTML 111Page - Renesas Technology Corp 3886 Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 380 page
background image
1-83
3886 Group User’s Manual
HARDWARE
q Error check command
Input command code 8016 in the first transfer, and the
M38869FFAHP/GP outputs error information from the SDA pin,
beginning at the next falling edge of the serial clock. If the LSB bit
of the 8-bit error information is 1, it indicates that a command error
has occurred. A command error means that some invalid com-
mands other than commands shown in Table 28 has been input.
When a command error occurs, the serial communication circuit
sets the corresponding flag and stops functioning to avoid an erro-
neous programming or erase. When being placed in this state, the
serial communication circuit does not accept the subsequent serial
clock and data (even including an error check command). There-
fore, if the user wants to execute an error check command,
temporarily drop the VPP pin input to the VPPL level to terminate
the serial input/output mode. Then, place the M38869FFAHP/GP
into the serial I/O mode back again. The serial communication cir-
cuit is reset by this operation and is ready to accept commands.
The error flag alone is not cleared by this operation, so the user
can examine the serial communication circuit’s error conditions
before reset. This examination is done by the first execution of an
error check command after the reset. The error flag is cleared
when the user has executed the error check command. Because
the error flag is undefined immediately after power-on, always be
sure to execute the error check command.
Fig. 80 Timings at error checking
Note: The programming/erasing algorithm flow chart of the serial
I/O mode is the same as that of the parallel I/O mode. Re-
fer to Figure 73.
FUNCTIONAL DESCRIPTION
SCLK
BUSY
OE
SDA
E0
tCH
Command code input (8016)
Error flag output
00000001
??????
Note: When outputting the error flag, the SDA pin is switched for output at the first falling edge of the serial clock. The SDA pin is placed
in the floating state during the period of th(C-E) after the last rising edge of the serial clock (at the 8th bit).
?
“H”
“L”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com