Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 107Page - Renesas Technology Corp 3886 Datasheet HTML 108Page - Renesas Technology Corp 3886 Datasheet HTML 109Page - Renesas Technology Corp 3886 Datasheet HTML 110Page - Renesas Technology Corp 3886 Datasheet HTML 111Page - Renesas Technology Corp 3886 Datasheet HTML 112Page - Renesas Technology Corp 3886 Datasheet HTML 113Page - Renesas Technology Corp 3886 Datasheet HTML 114Page - Renesas Technology Corp 3886 Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 380 page
background image
HARDWARE
1-86
3886 Group User’s Manual
q CPU reprogramming mode operation procedure
The operation procedure in CPU reprogramming mode is de-
scribed below.
< Beginning procedure >
➀ Apply 0 V to the CNVss/VPP pin for reset release.
➁ After CPU reprogramming mode control program is transferred to
internal RAM, jump to this control program on RAM. (The follow-
ing operations are controlled by this control program).
➂ Set “1" to the CPU reprogramming mode select bit.
➃ Apply VPPH to the CNVSS/VPP pin.
➄ Wait till CNVSS/VPP pin becomes 12 V.
➅ Read the CPU reprogramming mode monitor flag to confirm
whether the CPU reprogramming mode is valid.
➆ The operation of the flash memory is executed by software-com-
mand-writing to the flash command register .
Note: The following are necessary other than this:
•Control for data which is input from the external (serial I/O
etc.) and to be programmed to the flash memory
•Initial setting for ports etc.
•Writing to the watchdog timer
< Release procedure >
➀ Apply 0V to the CNVSS/VPP pin.
➁ Wait till CNVSS/VPP pin becomes 0V.
➂ Set the CPU reprogramming mode select bit to “0.”
Each software command is explained as follows.
q Read command
When “0016" is written to the flash command register,
the
M38869FFAHP/GP enters the read mode. The contents of the
corresponding address can be read by reading the flash memory
(For instance, with the LDA instruction etc.) under this condition.
The read mode is maintained until another command code is written
to the flash command register. Accordingly, after setting the read
mode once, the contents of the flash memory can continuously be
read.
After reset and after the reset command is executed, the read
mode is set.
Fig. 82 Flash command register bit configuration
Fig. 83 CPU mode register bit configuration in CPU rewriting
mode
FUNCTIONAL DESCRIPTION
Writing of software command
<Command code>
“0016”
“4016”
“C016”
“2016” + “2016”
“A016”
“FF16” + “FF16”
<Software command name>
• Read command
• Program command
• Program verify command
• Erase command
• Erase verify command
• Reset command
Note: The flash command register is write-only register.
Flash command register
(FCMD : address 0FFF16)
76
5
4
3
2
1
0
Processor mode bits
b1 b0
0
0 : Single-chip mode
0
1 : Not available
1
X : Not available
Port XC switch bit
0 : I/O port function (stop oscillating)
1 : XCIN–XCOUT oscillating function
Main clock (XIN–XOUT) stop bit
0 : Oscillating
1 : Stopped
Main clock division ratio selection bits
b7 b6
0
0 :
φ = f(XIN)/2 (high-speed mode)
0
1 :
φ = f(XIN)/8 (middle-speed mode)
1
0 :
φ = f(XCIN)/2 (low-speed mode)
1
1 : Not available
00
1
CPU mode register
(CPUM : address 003B16)
b7
b0
Stack page selection bit
0 : 0 page
1 : 1 page
Fix this bit to “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com